Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 155Page - Renesas Technology Corp H8/3002 Datasheet HTML 156Page - Renesas Technology Corp H8/3002 Datasheet HTML 157Page - Renesas Technology Corp H8/3002 Datasheet HTML 158Page - Renesas Technology Corp H8/3002 Datasheet HTML 159Page - Renesas Technology Corp H8/3002 Datasheet HTML 160Page - Renesas Technology Corp H8/3002 Datasheet HTML 161Page - Renesas Technology Corp H8/3002 Datasheet HTML 162Page - Renesas Technology Corp H8/3002 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 700 page
background image
Bit 4—Strobe Mode Select (CAS/
WE): Selects 2CAS or 2WE mode. The setting of this bit is
valid when PSRAME = 0 and DRAME = 1. This bit is write-disabled when the PSRAME or
DRAME bit is set to 1.
Bit 4
CAS/
WE
Description
02
WE mode
(Initial value)
12
CAS mode
Bit 3—Address Multiplex Mode Select (M9/
M8): Selects 8-bit or 9-bit column addressing.
The setting of this bit is valid when PSRAME = 0 and DRAME = 1. This bit is write-disabled
when the PSRAME or DRAME bit is set to 1.
Bit 3
M9/
M8
Description
0
8-bit column address mode
(Initial value)
1
9-bit column address mode
Bit 2—Refresh Pin Enable (RFSHE): Enables or disables refresh signal output from the
RFSH pin. This bit is write-disabled when the PSRAME or DRAME bit is set to 1.
Bit 2
RFSHE
Description
0
Refresh signal output at the
RFSH pin is disabled
(Initial value)
(the
RFSH pin can be used as a generic input/output port)
1
Refresh signal output at the
RFSH pin is enabled
Bit 1—Reserved: This bit cannot be modified and is always read as 1.
Bit 0—Refresh Cycle Enable (RCYCE): Enables or disables insertion of refresh cycles.
The setting of this bit is valid when PSRAME = 1 or DRAME = 1.This bit cannot be written to
when the PSRAME bit or DRAME bit is set to 1. When PSRAME = 0 and DRAME = 0, refresh
cycles are not inserted regardless of the setting of this bit.
Bit 0
RCYCE
Description
0
Refresh cycles are disabled
(Initial value)
1
Refresh cycles are enabled for area 3
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com