Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 186Page - Renesas Technology Corp H8/3002 Datasheet HTML 187Page - Renesas Technology Corp H8/3002 Datasheet HTML 188Page - Renesas Technology Corp H8/3002 Datasheet HTML 189Page - Renesas Technology Corp H8/3002 Datasheet HTML 190Page - Renesas Technology Corp H8/3002 Datasheet HTML 191Page - Renesas Technology Corp H8/3002 Datasheet HTML 192Page - Renesas Technology Corp H8/3002 Datasheet HTML 193Page - Renesas Technology Corp H8/3002 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 700 page
background image
7.4 Interrupt Source
Compare match interrupts (CMI) can be generated when the refresh controller is used as an
interval timer. Compare match interrupt requests are masked/unmasked with the CMIE bit of
RTMCSR.
7.5 Usage Notes
When using the DRAM or pseudo-static RAM refresh function, note the following points:
•
With the refresh controller, if directly connected DRAM or PSRAM is disconnected*, the
P80/RFSH/IRQ0 pin and the P81/CS3/IRQ1 pin may both become low-level outputs
simultaneously.
Note: * When the DRAM enable bit (DRAME) or PSRAM enable bit (PSRAME) in the refresh
control register (RFSHCR) is cleared to 0 after being set to 1.
Figure 7-23 Operation when DRAM/PSRAM Connection is Switched
175
Address bus
Area 3 start address
P80/RFSH/IRQ0
P81/CS3/IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com