Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 193Page - Renesas Technology Corp H8/3002 Datasheet HTML 194Page - Renesas Technology Corp H8/3002 Datasheet HTML 195Page - Renesas Technology Corp H8/3002 Datasheet HTML 196Page - Renesas Technology Corp H8/3002 Datasheet HTML 197Page - Renesas Technology Corp H8/3002 Datasheet HTML 198Page - Renesas Technology Corp H8/3002 Datasheet HTML 199Page - Renesas Technology Corp H8/3002 Datasheet HTML 200Page - Renesas Technology Corp H8/3002 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 700 page
background image
Table 8-3 DMAC Registers
Channel
Address*
Name
Abbreviation
R/W
Initial Value
0
H'FF20
Memory address register 0AR
MAR0AR
R/W
Undetermined
H'FF21
Memory address register 0AE
MAR0AE
R/W
Undetermined
H'FF22
Memory address register 0AH
MAR0AH
R/W
Undetermined
H'FF23
Memory address register 0AL
MAR0AL
R/W
Undetermined
H'FF26
I/O address register 0A
IOAR0A
R/W
Undetermined
H'FF24
Execute transfer count register 0AH
ETCR0AH
R/W
Undetermined
H'FF25
Execute transfer count register 0AL
ETCR0AL
R/W
Undetermined
H'FF27
Data transfer control register 0A
DTCR0A
R/W
H'00
H'FF28
Memory address register 0BR
MAR0BR
R/W
Undetermined
H'FF29
Memory address register 0BE
MAR0BE
R/W
Undetermined
H'FF2A
Memory address register 0BH
MAR0BH
R/W
Undetermined
H'FF2B
Memory address register 0BL
MAR0BL
R/W
Undetermined
H'FF2E
I/O address register 0B
IOAR0B
R/W
Undetermined
H'FF2C
Execute transfer count register 0BH
ETCR0BH
R/W
Undetermined
H'FF2D
Execute transfer count register 0BL
ETCR0BL
R/W
Undetermined
H'FF2F
Data transfer control register 0B
DTCR0B
R/W
H'00
1
H'FF30
Memory address register 1AR
MAR1AR
R/W
Undetermined
H'FF31
Memory address register 1AE
MAR1AE
R/W
Undetermined
H'FF32
Memory address register 1AH
MAR1AH
R/W
Undetermined
H'FF33
Memory address register 1AL
MAR1AL
R/W
Undetermined
H'FF36
I/O address register 1A
IOAR1A
R/W
Undetermined
H'FF34
Execute transfer count register 1AH
ETCR1AH
R/W
Undetermined
H'FF35
Execute transfer count register 1AL
ETCR1AL
R/W
Undetermined
H'FF37
Data transfer control register 1A
DTCR1A
R/W
H'00
H'FF38
Memory address register 1BR
MAR1BR
R/W
Undetermined
H'FF39
Memory address register 1BE
MAR1BE
R/W
Undetermined
H'FF3A
Memory address register 1BH
MAR1BH
R/W
Undetermined
H'FF3B
Memory address register 1BL
MAR1BL
R/W
Undetermined
H'FF3E
I/O address register 1B
IOAR1B
R/W
Undetermined
H'FF3C
Execute transfer count register 1BH
ETCR1BH
R/W
Undetermined
H'FF3D
Execute transfer count register 1BL
ETCR1BL
R/W
Undetermined
H'FF3F
Data transfer control register 1B
DTCR1B
R/W
H'00
Note: * The lower 16 bits of the address are indicated.
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com