Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 212Page - Renesas Technology Corp H8/3002 Datasheet HTML 213Page - Renesas Technology Corp H8/3002 Datasheet HTML 214Page - Renesas Technology Corp H8/3002 Datasheet HTML 215Page - Renesas Technology Corp H8/3002 Datasheet HTML 216Page - Renesas Technology Corp H8/3002 Datasheet HTML 217Page - Renesas Technology Corp H8/3002 Datasheet HTML 218Page - Renesas Technology Corp H8/3002 Datasheet HTML 219Page - Renesas Technology Corp H8/3002 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 700 page
background image
Normal Mode :
•
Auto-request
The DMAC is activated by register setup alone, and continues executing transfers until the
designated number of transfers have been completed. A CPU interrupt can be requested at
completion of the transfers. Both addresses are 24-bit addresses.
— Cycle-steal mode
The bus is released to another bus master after each byte or word is transferred.
— Burst mode
Unless requested by a higher-priority bus master, the bus is not released until the
designated number of transfers have been completed.
•
External request
One byte or word is transferred per request. A designated number of these transfers are
executed. A CPU interrupt can be requested at completion of the designated number of
transfers. Both addresses are 24-bit addresses.
Block Transfer Mode: One block of a specified size is transferred per request. A designated
number of block transfers are executed. At the end of each block transfer, one address is restored
to its initial value. When the designated number of blocks have been transferred, a CPU interrupt
can be requested. Both addresses are 24-bit addresses.
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com