Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 259Page - Renesas Technology Corp H8/3002 Datasheet HTML 260Page - Renesas Technology Corp H8/3002 Datasheet HTML 261Page - Renesas Technology Corp H8/3002 Datasheet HTML 262Page - Renesas Technology Corp H8/3002 Datasheet HTML 263Page - Renesas Technology Corp H8/3002 Datasheet HTML 264Page - Renesas Technology Corp H8/3002 Datasheet HTML 265Page - Renesas Technology Corp H8/3002 Datasheet HTML 266Page - Renesas Technology Corp H8/3002 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 700 page
background image
9.3.3 Pin Functions
The port 6 pins are also used for
BACK output and BREQ and WAIT input. Table 9-5 describes
the selection of pin functions.
Table 9-5 Port 6 Pin Functions
Pin
Pin Functions and Selection Method
P62/BACK
Bit BRLE in BRCR and bit P62DDR select the pin function as follows
BRLE
0
1
P62DDR
0
1
—
Pin function
P62 input
P62 output
BACK output
P61/BREQ
Bit BRLE in BRCR and bit P61DDR select the pin function as follows
BRLE
0
1
P61DDR
0
1
—
Pin function
P61 input
P61 output
BREQ input
P60/WAIT
Bits WCE7 to WCE0 in WCER, bit WMS1 in WCR, and bit P60DDR select the
pin function as follows
WCER
All 1s
Not all 1s
WMS1
0
1
—
P60DDR
0
1
0*
0*
Pin function
P60 input
P60 output
WAIT input
Note: * Do not set bit P60DDR to 1.
9.4 Port 7
9.4.1 Overview
Port 7 is an 8-bit input port that is also used for analog input to the A/D converter. Port 7 has the
same set of pin functions in all operating modes. Figure 9-5 shows the pin configuration of port 7.
249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com