Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp H8/3002 Datasheet HTML 270Page - Renesas Technology Corp H8/3002 Datasheet HTML 271Page - Renesas Technology Corp H8/3002 Datasheet HTML 272Page - Renesas Technology Corp H8/3002 Datasheet HTML 273Page - Renesas Technology Corp H8/3002 Datasheet HTML 274Page - Renesas Technology Corp H8/3002 Datasheet HTML 275Page - Renesas Technology Corp H8/3002 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 700 page
background image
9.7 Port A
9.7.1 Overview
Port A is an 8-bit input/output port that is also used for address output (A23 to A20), output
(TP7 to TP0) from the programmable timing pattern controller (TPC), input and output (TIOCB2,
TIOCA2, TIOCB1, TIOCA1, TIOCB0, TIOCA0, TCLKD, TCLKC, TCLKB, TCLKA) by the
16-bit integrated timer unit (ITU), and output (TEND1, TEND0) from the DMA controller
(DMAC). Figure 9-8 shows the pin configuration of port A.
Pins in port A can drive one TTL load and a 30-pF capacitive load. They can also drive a
darlington transistor pair. Port A has Schmitt-trigger inputs.
Figure 9-8 Port A Pin Configuration (1)
Port A
PA /TP /TIOCB /A
PA /TP /TIOCA /A
PA /TP /TIOCB /A
PA /TP /TIOCA /A
PA /TP /TIOCB /TCLKD
PA /TP /TIOCA /TCLKC
PA /TP /TEND /TCLKB
PA /TP /TEND /TCLKA
7
6
5
4
3
2
1
0
Port A pins
7
6
5
4
3
2
1
0
1
0
Port A
PA (input/output)/TP (output)/TIOCB (input/output)
PA (input/output)/TP (output)/TIOCA (input/output)
PA (input/output)/TP (output)/TIOCB (input/output)
7
6
5
4
3
2
1
0
Modes 1 and 2
PA (input/output)/TP (output)/TIOCA (input/output)
PA (input/output)/TP (output)/TIOCB (input/output)/TCLKD (input)
PA (input/output)/TP (output)/TIOCA (input/output)/TCLKC (input)
PA (input/output)/TP (output)/TEND (output)/TCLKB (input)
PA (input/output)/TP (output)/TEND (output)/TCLKA (input)
7
6
5
4
3
2
1
0
2
2
1
1
0
0
1
0
2
2
1
1
0
0
20
21
22
23
258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com