Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 277Page - Renesas Technology Corp H8/3002 Datasheet HTML 278Page - Renesas Technology Corp H8/3002 Datasheet HTML 279Page - Renesas Technology Corp H8/3002 Datasheet HTML 280Page - Renesas Technology Corp H8/3002 Datasheet HTML 281Page - Renesas Technology Corp H8/3002 Datasheet HTML 282Page - Renesas Technology Corp H8/3002 Datasheet HTML 283Page - Renesas Technology Corp H8/3002 Datasheet HTML 284Page - Renesas Technology Corp H8/3002 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 700 page
background image
Table 9-12 Port A Pin Functions (cont)
Pin
Pin Functions and Selection Method
PA1/TP1
DMAC channel 1 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR1A and
TCLKB/TEND1
DTCR1B), bit NDER1 in NDERA, and bit PA1DDR in PADDR select the pin
function as follows
DMAC channel 1
(1) in table
settings
below
(2)in table below
PA1DDR
—
0
1
1
NDER1
—
—
0
1
Pin function
TEND1 output
PA1
PA1
TP1
input
output
output
TCLKB input*
Note: * TCLKB input when MDF = 1 in TMDR, or when TPSC2 = 1,
TPSC1 = 0, and TPSC0 = 1 in any of TCR4 to TCR0.
DMAC channel 1
settings
(2)
(1)
(2)
(1)
(2)
(1)
DTS2A, DTS1A
Not both 1
Both 1
DTS0A
—
0
0
1
1
1
DTS2B
0
1
1
0
1
0
1
1
DTS1B
—
0
1
—
—
—
0
1
267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com