Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21569WCBCZ10RL Datasheet(PDF) 45 Page - Analog Devices

Part # ADSP21569WCBCZ10RL
Description  SHARC Single Core High Performance DSP (Up to 1 GHz)
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21569WCBCZ10RL Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP21569WCBCZ10RL Datasheet HTML 41Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 42Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 43Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 44Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 45Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 46Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 47Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 48Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
Rev. B
|
Page 45 of 104
|
February 2021
ADSP-21562/21563/21565/21566/21567/21569
SPECIFICATIONS
For information about product specifications, contact your Analog Devices, Inc., representative.
OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal
Max
Unit
VDD_INT
Internal (Core) Supply Voltage
400 MHz ≤ CCLK ≤ 1 GHz 0.95
1.00
1.05
V
VDD_EXT
External (I/O) Supply Voltage
3.13
3.30
3.47
V
VDD_ANA
Analog Power Supply Voltage
1.71
1.80
1.89
V
VDD_DMC
1
1 Applies to DDR3L/DDR3 signals.
DDR3L Controller Supply Voltage
1.283
1.350
1.418
V
DDR3 Controller Supply Voltage
1.425
1.500
1.575
V
VDD_REF
2
2 Applies to SYS_CLKIN0 pin.
External (I/O) Reference Supply Voltage
1.71
1.80
1.89
V
VDDR_VREF
3
3 Applies to DMC0_VREF pins.
DDR3 Reference Voltage
0.49 × VDD_DMC
0.50 × VDD_DMC 0.51 × VDD_DMC
V
VDELTA_EXT_REF
4
4 See Figure 11.
(VDD_EXT – VDD_REF) and (VDD_EXT – VDD_ANA)–1.89
+1.89
V
VHADC_REF
5
5 VHADC_VREF must always be less than VDD_ANA.
HADC Reference Voltage
1.71
1.80
VDD_ANA
V
VHADC0_VINx
HADC Input Voltage
0
VHADC_REF + 0.09 V
VIH
6
6 Parameter value applies to all input and bidirectional pins except the DMC pins.
High Level Input Voltage
VDD_EXT = 3.47 V
2.0
V
VIHCLKIN
2
High Level Clock Input Voltage
VDD_REF = 1.89 V
0.65 × VDD_REF
VDD_REF
V
VIL
6
Low Level Input Voltage
VDD_EXT = 3.13 V
0.8
V
VILCLKIN
2
Low Level Clock Input Voltage
VDD_REF = 1.71 V
–0.30
+0.35 × VDD_REF
V
VIL_DDR3L
7
7 This parameter applies to all DMC0 pins.
Low Level Input Voltage
VDD_DMC = 1.283 V
VDDR_VREF – 0.175 V
VIL_DDR3
7
Low Level Input Voltage
VDD_DMC = 1.425 V
VDDR_VREF – 0.175 V
VIH_DDR3L
7
High Level Input Voltage
VDD_DMC = 1.418 V
VDDR_VREF + 0.175
V
VIH_DDR3
7
High Level Input Voltage
VDD_DMC = 1.575 V
VDDR_VREF + 0.175
V
CONSUMER GRADE
TJ
Junction Temperature
400-Ball CSP_BGA
0110
°C
TJ
Junction Temperature
120-Lead LQFP_EP
0110
°C
INDUSTRIAL GRADE
TJ
Junction Temperature
400-Ball CSP_BGA
–40
+125
°C
TJ
Junction Temperature
120-Lead LQFP_EP
–40
+125
°C
AUTOMOTIVE GRADE8
8 Automotive application use profile only. Not supported for nonautomotive use. Contact Analog Devices for more information.
TJ
Junction Temperature
400-Ball CSP_BGA
–40
+125
°C
TJ
Junction Temperature
120-Lead LQFP_EP
–40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com