Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21569WCBCZ10RL Datasheet(PDF) 56 Page - Analog Devices

Part # ADSP21569WCBCZ10RL
Description  SHARC Single Core High Performance DSP (Up to 1 GHz)
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21569WCBCZ10RL Datasheet(HTML) 56 Page - Analog Devices

Back Button ADSP21569WCBCZ10RL Datasheet HTML 52Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 53Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 54Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 55Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 56Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 57Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 58Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 59Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
Rev. B
|
Page 56 of 104
|
February 2021
ADSP-21562/21563/21565/21566/21567/21569
Link Ports (LPs)
In LP receive mode, the LP clock is supplied externally and is called fLCLKREXT, therefore the period can be represented by
In LP transmit mode, the programmed LP clock (fLCLKTPROG) frequency in megahertz is set by the following equation where VALUE is a
field in the LP_DIV register that can be set from 1 to 255:
In the case where VALUE = 0, fLCLKTPROG = fOCLK_0. For all settings of VALUE, the following equation is true:
Calculation of the link receiver data setup and hold relative to the link clock is required to determine the maximum allowable skew that
can be introduced in the transmission path length difference between LPx_Dx and LPx_CLK. Setup skew is the maximum delay that can
be introduced in LPx_Dx relative to LPx_CLK (setup skew = tLCLKTWH minimum – tDLDCH – tSLDCL). Hold skew is the maximum delay
that can be introduced in LPx_CLK relative to LPx_Dx (hold skew = tLCLKTWL minimum – tHLDCH – tHLDCL). See Table 35 for LP transmit
timing.
Table 34. LPs—Receive1
1 Specifications apply to LP0 and LP1.
Parameter
Min
Max
Unit
Timing Requirements
fLCLKREXT
LPx_CLK Frequency
125
MHz
tSLDCL
Data Setup Before LPx_CLK Low
1.5
ns
tHLDCL
Data Hold After LPx_CLK Low
1.4
ns
tLCLKEW
LPx_CLK Period2
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external LPx_CLK. For the external
LPx_CLK ideal maximum frequency, see the fLCLKRTEXT specification in Table 19.
tLCLKREXT – 1
ns
tLCLKRWL
LPx_CLK Width Low2
0.5 × tLCLKREXT
ns
tLCLKRWH
LPx_CLK Width High2
0.5 × tLCLKREXT
ns
Switching Characteristic
tDLALC
LPx_ACK Low Delay After LPx_CLK Low3
3 LPx_ACK goes low with tDLALC relative to rise of LPx_CLK after first byte, but does not go low if the link buffer of the receiver is not about to fill.
1.5 × tOCLK_0 + 4
2.5 × tOCLK_0 + 12
ns
t
LCLKREXT
1
fLCLKREXT
---------------
=
f
LCLKTPROG
fOCLK_0
VALUE
2

----------------------
=
t
LCLKTPROG
1
fLCLKTPROG
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com