Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB1XT-EST Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 18Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 19Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 20Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 21Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 22Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 23Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 24Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 25Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 22
 2020 Microchip Technology Inc.
I2C BUS REQUIREMENTS (SLAVE MODE) (CONTINUED)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
C  T
A  +125C (Extended)
The operating voltage range is described in DC Characteristics.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
103A(2)
TFSCL
SCL Fall Time
100 kHz mode
—
300
ns
Cb is specified to be from
10 to 400 pF
(100 pF maximum for
3.4 MHz mode)(4)
400 kHz mode
20 + 0.1Cb
300
ns
1.7 MHz mode
20
80
ns
3.4 MHz mode
10
40
ns
103B(2)
TFSDA
SDA Fall Time
100 kHz mode
—
300
ns
Cb is specified to be from
10 to 400 pF
(100 pF maximum for
3.4 MHz mode)(4)
400 kHz mode
20 + 0.1Cb
300
ns
1.7 MHz mode
20
160
ns
3.4 MHz mode
10
80
ns
106
THD:DAT Data Input Hold
Time
100 kHz mode
0
—
ns
1.8V-5.5V(2, 5)
400 kHz mode
0
—
ns
2.7V-5.5V(5)
1.7 MHz mode
0
—
ns
4.5V-5.5V(5)
3.4 MHz mode
0
—
ns
4.5V-5.5V(5)
107
TSU:DAT Data Input
Setup Time
100 kHz mode
250
—
ns
Note 2, Note 6
400 kHz mode
100
—
ns
Note 6
1.7 MHz mode
10
—
ns
3.4 MHz mode
10
—
ns
109
TAA
Output Valid
from Clock
100 kHz mode
—
3450
ns
Note 2, Note 7
400 kHz mode
—
900
ns
Note 7
1.7 MHz mode
—
150
ns
Cb = 100 pF(7, 8)
—310
ns
Cb = 400 pF(2, 7)
3.4 MHz mode
—
150
ns
Cb = 100 pF(7)
110
TBUF
Bus Free Time
100 kHz mode
4700
—
ns
Time when the bus must
be free before a new
transmission can start(2)
400 kHz mode
1300
—
ns
1.7 MHz mode
N.A.
—
ns
3.4 MHz mode
N.A.
—
ns
111
TSP
Input Filter
Spike
Suppression
(SDA and SCL)
100 kHz mode
—
50
ns
NXP Spec states N.A.(2)
400 kHz mode
—
50
ns
1.7 MHz mode
—
10
ns
Spike suppression
3.4 MHz mode
—
10
ns
Spike suppression
Note 2
Not Tested. This parameter is ensured by characterization.
Note 4
Use Cb in pF for the calculations.
Note 5
A master transmitter must provide a delay to ensure that the difference between SDA and SCL fall times
does not unintentionally create a Start or Stop condition.
Note 6
A Fast mode (400 kHz) I2C bus device can be used in a standard mode (100 kHz) I2C bus system, but the
requirement tSU;DAT  250 ns must then be met. This will automatically be the case if the device does not
stretch the Low period of the SCL signal. If such a device does stretch the Low period of the SCL signal, it
must output the next data bit to the SDA line, TR max. + tSU;DAT = 1000 + 250 = 1250 ns (according to the
standard mode I2C bus specification) before the SCL line is released.
Note 7
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
Note 8
Ensured by the TAA 3.4 MHz specification test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com