Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB1XT-EST Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 56Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 57Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 58Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 59Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 60Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 61Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 62Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 63Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 60
 2020 Microchip Technology Inc.
Register 4-3 shows the format of the Power-Down
Control register. Each DAC has two bits to control the
Power-Down state of the DAC. This register is for both
volatile and nonvolatile memory locations.
REGISTER 4-3:
POWER-DOWN CONTROL REGISTER
(VOLATILE/NONVOLATILE) (ADDRESSES 09h, 19h)
R/W-nR/W-n R/W-nR/W-n R/W-nR/W-n R/W-n R/W-n R/W-nR/W-n R/W-nR/W-n R/W-nR/W-n R/W-n R/W-n
Octal
PD7B PD7A PD6B PD6A PD5B PD5A PD4B PD4A PD3B PD3A PD2B PD2A PD1B PD1A PD0B PD0A
Quad
—(1)
—(1)
—(1)
—(1)
—(1)
—(1)
—(1)
—(1) PD0B PD0A PD0B PD0A PD0B PD0A PD0B PD0A
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Quad-channel device
= Octal-channel device
Octal
Quad
—
bit 15-8
Unimplemented: Read as ‘1’
bit 15-0
bit 7-0
PDnB-PDnA: DAC Power-Down Control bits(2)
11 =Powered Down - VOUT is open circuit
10 =Powered Down - VOUT is loaded with a 125 k resistor to ground
01 =Powered Down - VOUT is loaded with a 1 k resistor to ground
00 =Normal Operation (not powered down)
Note 1:
Unimplemented bit, read as ‘0’.
2:
See Table 5-4 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com