Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB1XT-EST Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 71Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 72Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 73Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 74Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 75Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 76Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 77Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 78Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 75
MCP47FXBX4/8
6.0
I2C SERIAL INTERFACE
MODULE
The MCP47FXBX4/8’s I2C serial interface module
supports the I2C serial protocol specification. This I2C
interface is a two-wire interface (clock and data).
Figure 6-1 shows a typical I2C interface connection.
The I2C specification only defines the field types, field
lengths, timings, etc., of a frame. The frame content
defines the behavior of the device. The frame content
(commands) for the MCP47FXBX4/8 is defined in
Section 7.0 “I2C Device Commands”.
An overview of the I2C protocol is available in
Section Appendix B: “I2C Serial Interface”.
FIGURE 6-1:
Typical I2C Interface.
6.1
Overview
This
section
discusses
some
of
the
specific
characteristics of the MCP47FXBX4/8’s I2C serial
interface module. This is to assist in the development of
your application.
The following sections discuss some of these device-
specific characteristics:
• Interface Pins (SCL and SDA)
• Communication Data Rates
• POR/BOR
• Device Memory Address
• General Call Commands
• Device I2C Slave Addressing
• Entering High-Speed (HS) Mode
6.2
Interface Pins (SCL and SDA)
The MCP47FXBX4/8 I2C module SCL pin does not
generate the serial clock since the device operates in
Slave mode. Also, the MCP47FXBX4/8 will not stretch
the clock signal (SCL) since memory read access
occurs fast enough.
The MCP47FXBX4/8 I2C module implements slope
control on the SDA pin output driver.
6.3
Communication Data Rates
The I2C interface specifies different communication bit
rates. These are referred to as Standard, Fast or High-
Speed modes. The MCP47FXBX4/8 supports these
three modes. The clock rates (bit rate) of these modes
are:
• Standard mode: up to 100 kHz (kbit/s)
• Fast mode: up to 400 kHz (kbit/s)
• High-Speed mode (HS mode): up to 3.4 MHz
(Mbit/s)
A description on how to enter High-Speed mode is
provided in Section 6.9 “Entering High-Speed (HS)
Mode”.
6.4
POR/BOR
On a POR/BOR event, the I2C Serial Interface Module
state machine is reset and the device’s memory
address pointer is forced to 00h.
6.5
Device Memory Address
The memory address is the 5-bit value that provides
the location in the device’s memory that the specified
command will operate on.
On a POR/BOR event, the device’s memory address
pointer is forced to 00h.
The MCP47FXBX4/8 retains the last “Device Memory
Address” received. That is, the MCP47FXBX4/8 does
not “corrupt” the “Device Memory Address” after
repeated Start or Stop conditions.
6.6
General Call Commands
The
General
Call
commands
utilize
the
I2C
specification reserved General Call command address
and command codes. The MCP47FXBX4/8 also imple-
ments a nonstandard General Call command.
The General Call commands are:
• General Call Reset
• General Call Wake-up (MCP47FXBX4/8 defined)
The General Call Wake-up command will cause all the
MCP47FXBX4/8 devices to exit their Power-Down
state.
6.7
Multi-Master Systems
The MCP47FXBX4/8 is not a master device (one that
generates the interface clock), but can be used in
Multi-Master applications.
SCL
SCL
MCP47FXBXX
SDA
SDA
Host
Controller
Typical I2C Interface Connections
Other Devices
(Master)
(Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com