Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB1XT-EST Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 68Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 69Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 70Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 71Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 72Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 73Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 74Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 75Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 72
 2020 Microchip Technology Inc.
5.7
Latch Pins (LATn)
The Latch pins control when the volatile DAC register
value is transferred to the DAC wiper. This is useful for
applications that need to synchronize the wiper(s)
updates to an external event, such as zero crossing or
updates to the other wipers on the device. The LAT pin
functionality is asynchronous to the serial interface
operation.
When the LAT pin is high, transfers from the volatile DAC
register to the DAC wiper are inhibited. The volatile DAC
register value(s) can continue to update.
When the LAT pin is low, the volatile DAC register value
is transferred to the DAC wiper.
Figure 5-9 shows the interaction of the LAT pin and the
loading of the DAC Wiper n (from the volatile DAC
register n). The transfers are level-driven. If the LAT pin
is held low, the corresponding DAC wiper is updated as
soon as the volatile DAC register value is updated.
The LAT pin allows the DAC wiper to be updated to an
external
event
and
have
multiple
DAC
channels/devices updating at a common event.
FIGURE 5-9:
LAT and DAC Interaction.
Since the DAC wiper n is updated from the volatile DAC
register n, all DACs that are associated with a given
LAT pin can be updated synchronously.
If the application does not require synchronization, then
this signal should be tied low.
Figure 5-10 shows two examples of using the LAT pin
to control when the wiper register is updated relative to
the value of a sine wave signal.
FIGURE 5-10:
LAT Pin Operation Example.
Note:
This allows the volatile DAC0 through
DAC7 registers to be updated while the
LATn pins are high, and to have outputs
synchronously updated as the LATn pins
are driven low.
Write Command
Register Address
Vol. DAC Register n
DAC Wiper n
16 Clocks
LAT
SYNC
Transfer
Serial Shift Reg.
Data
(internal signal)
LAT SYNC
Transfer
Data
Comment
11
0
No Transfer
10
0
No Transfer
01
1
Vol. DAC Register n
 DAC Wiper n
00
0
No Transfer
Case 1: Zero Crossing of Sine Wave to update the volatile DAC0 register (using LAT pin)
Case 2: Fixed Point Crossing of Sine Wave to update the volatile DAC0 register (using LAT pin)
Indicates where LAT pin pulses active (volatile DAC0 register updated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com