Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB1XT-EST Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP47FXB1XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB1XT-EST Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP47FXB1XT-EST Datasheet HTML 66Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 67Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 68Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 69Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 70Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 71Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 72Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 73Page - Microchip Technology MCP47FXB1XT-EST Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 70
 2020 Microchip Technology Inc.
5.5
Power-Down Operation
To allow the application to conserve power when the
DAC operation is not required, three Power-Down
modes are available. The Power-Down Configuration
bits (PDnB:PDnA) control the power-down operation
(Figure 5-8 and Table 5-3). On devices with multiple
DACs, each DACs Power-Down mode is individually
controllable. All Power-Down modes do the following:
• Turn off most DAC module’s internal circuits (out-
put op amp, resistor ladder, et al.)
• Op amp output becomes high impedance to the
VOUT pin
• Disconnect the resistor ladder from the Reference
Voltage (VRL)
• Retain the value of the volatile DAC register and
Configuration bits and the nonvolatile (EEPROM)
DAC register and Configuration bits
Depending on the selected Power-Down mode, the fol-
lowing will occur:
•VOUT pin is switched to one of the two resistive
pull-downs (see Table 5-4):
- 125 k
 (typical)
-1 k
 (typical)
• Op amp is powered down and the VOUT pin
becomes high impedance
There is a delay (TPDE) between the PDnB:PDnA bits
changing from ‘00’ to either ‘01’, ‘10’ or ‘11’ with the op
amp no longer driving the VOUT output and the pull-
down resistors sinking current.
FIGURE 5-8:
VOUT Power-Down Block
Diagram.
In any of the Power-Down modes where the VOUT pin
is not externally connected (sinking or sourcing
current), the power-down current will typically be
680 nA for a quad-DAC device. As the number of DACs
increases, the device’s power-down current will also
increase.
The Power-Down bits are modified by using a WRITE
command to the volatile Power-Down register, or a
POR
event
which
transfers
the
nonvolatile
Power-Down register to the volatile Power-Down regis-
ter.
Table 5-4 shows the current sources for the DAC based
on the selected source of the DAC’s reference voltage
and if the device is in a normal operating mode or in
one of the Power-Down modes.
Section 7.0 “I2C Device Commands” describes the I2C
commands for writing the power-down bits. The com-
mands that can update the volatile PDnB:PDnA bits are:
• Write (normal and high-voltage)
• General Call Reset
• General Call Wake-up
VW
Gain
(1x or 2x)
VOUT
PDnB:PDnA
VDD
PDnB:PDnA
TABLE 5-3:
POWER-DOWN BITS AND
OUTPUT RESISTIVE LOAD
PDnB PDnA
Function
00
Normal operation
01
1k
 resistor to ground
10
125 k
 resistor to ground
11
Open circuit
TABLE 5-4:
DAC CURRENT SOURCES
Device VDD
Current
Source
PDnB:A = ‘00’,
VRnB:A =
PDnB:A
 ‘00’,
VRnB:A =
00 01
10
11 00 01
10
11
Output
Op Amp
YY
Y
Y
N
N
N
N
Resistor
Ladder
YY
N(1)
YN
N
N(1)
N
RL Op Amp
N
Y
N
Y
N
N
N
N
Band Gap
N
Y
N
N
N
Y
N
N
Note 1: Current is sourced from the VREF pin, not
the device VDD.
Note:
The I2C serial interface circuit is not
affected by the Power-Down mode. This
circuit remains active in order to receive
any command that might come from the
I2C master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com