Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4100BCBZR7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 28Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 29Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 30Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 31Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 32Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 33Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 34Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 35Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 32 of 101
Float Mode Operation
The ADPD4100/ADPD4101 have a unique operating mode, float
mode, that allows high SNR at low power in low light situations.
In float mode, the photodiode is first preconditioned to a known
state. Then, the photodiode anode is disconnected from the
receive path of the device for a preset amount of float time.
During the float time, light falls on the photodiode, either from
ambient light, pulsed LED light, or a combination of the two
depending on the operating mode. Charge from the sensor is
stored directly on the capacitance of the sensor, CPD. At the end
of the float time, the photodiode is switched into the receive
path of the ADPD4100/ADPD4101 and an inrush of the
accumulated charge occurs, which is then integrated, allowing
the maximum amount of charge to be processed per pulse with
the minimum amount of noise added by the signal path. The
charge is integrated externally on the capacitance of the
photodiode for as long as it takes to acquire maximum charge,
independent of the amplifiers of the signal path, effectively
integrating noise free charge. Float mode allows the user the
flexibility to increase the amount of charge per measurement by
either increasing the LED drive current or by increasing the
float time.
In float mode, the signal path bypasses the BPF and uses only
the TIA and integrator. The BPF is bypassed because the shape
of the signal produced when transferring the charge from the
photodiode by modulating the connection to the TIA can differ
across devices and conditions. A filtered signal from the BPF is
not able to be reliably aligned with the integration sequence.
Therefore, the BPF cannot be used. In float mode, the entire
charge transfer is integrated in the negative cycle of the
integrator, and the positive cycle cancels any offsets.
Float LED Mode for Synchronous LED Measurements
Float LED mode is desirable in low signal conditions where the
CTR is below 5 nA/mA. In addition, float mode is an ideal
option when limiting the LED drive current of the green LEDs
in a heart rate measurement to keep the forward voltage drop of
the green LED to a level that allows the elimination of a boost
converter for the LED supply. For example, the LED current can
be limited to 10 mA to ensure that the LED voltage drop is ~3 V
so that it can operate directly from the battery without the need
of a boost converter. Float mode accumulates the received
charge during longer LED pulses without adding noise from the
signal path, effectively yielding the highest SNR per photon
attainable.
In float LED mode, multiple pulses are used to cancel electrical
offsets, drifts, and ambient light. To achieve this ambient light
rejection, an even number of equal length pulses is used. For
every pair of pulses, the LED flashes in one of the pulses and
does not flash in the other. The return from the combination of
the LED, ambient light, and offset is present in one of the pulses.
In the other, only the ambient light and offset is present. A
subtraction of the two pulses is made that eliminates ambient
light as well as any offset and drift. It is recommended to use
groups of four pulses for measurement where the LED is flashed
on Pulse 2 and Pulse 3. The accumulator adds Pulse 2 and Pulse 3
and then subtracts Pulse 1 and Pulse 4. To gain additional SNR,
use multiple groups of four pulses.
For each group of four pulses, the settings of LED_DISABLE_x
determine if the LED flashes in a specific pulse position. Which
pulse positions are added or subtracted is configured in the
SUBTRACT_x bits. These sequences are repeated in groups of
four pulses. The value written to the FIFO or data registers is
dependent on the total number of pulses per sample period.
With NUM_INT_x set to 1, NUM_REPEAT_x determines the
total number of pulses. For example, if the device is set up for
32 pulses, the four-pulse sequence, as defined in
LED_DISABLE_x and SUBTRACT_x, repeats eight times and a
single register or FIFO write of the final value based on
32 pulses executes.
In float mode, the MIN_PERIOD_x bits must be set to control
the pulse period. The automatic period calculation is not
designed to work with float mode. Set the MIN_PERIOD_x
bits, in 1 μs increments, to accommodate the amount of float
time and connect time required.
Placement of the integration sequence is such that the negative
phase of the integration is centered on the charge transfer
phase. The TIA is an inverting stage. Therefore, placing the
negative phase of the integration during the transferring of the
charge from the photodiode causes the integrator to increase
with the negative going output signal from the TIA.
In the example shown in Figure 37, the LED flashes in the
second and third pulses of the four-pulse sequence.
SUBTRACT_x is set up to add the second and third pulses
while subtracting the first and fourth pulses, effectively
cancelling out the ambient light, electrical offsets, and drift.
Table 20 details the relevant registers for float LED mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com