Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4100BCBZR7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 42Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 43Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 44Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 45Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 46Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 47Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 48Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 49Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 46 of 101
Recommended Configurations for ECG Measurement
The following is one of the recommended configurations for
ECG measurement if the dc offset voltage (VDC, see Figure 52) is
negligible or low, less than ±30 mV.
#ADPD4100 ECG Measurement with small DC
offset
0009 0080
# 32MHz oscillator trim
000B 02B2
# 1MHz oscillator trim
000D 0D05
# Sampling rate 300 Hz
000F 0006
# 1MHz low frequency oscillator
0010 0000
# Timeslot A enabled
0020 2220
# Float input 1&2 during sleep
0021 0001
# IN1/IN2 configured as a
differential pair
# Timeslot configuration #
### Timeslot A - Sleep float mode ECG with
multiple charge transfers
0100 0000
# Input resistor 500
Ω
0101 00E6
# skip preconditioning,
bandpass filter bypassed
0102 0007
# IN1&IN2 differential pair to
channel 1
0103 0000
# float during preconditioning
0104 02C1
# TIA gain 100k, Vref = 0.88V
0105 0000
# LEDs off
0106 0000
# LEDs off
0107 0102
# 2 pulses
0108 1000
# float mode, minimum period
010A 0203
# Integrator pulse width,
bandpass filter powered down
010B 01A0
# Integrator pulse timing
offset
010C 0210
# Modulation pulse width and
offset
010D 0000
# Chopping mode disabled
010E 0000
# no ADC offset
010F 0000
# no ADC offset
0110 0003
# Configure number of bytes
written to the registers
If the dc offset voltage is large, use the following recommended
configuration, which can handle up to ±450 mV of dc offset
voltage. There are only three register setting changes, and the
rest is the same as the previous configuration. The input resistor
is changed to 6500 Ω by setting INPUT_R_SELECT_x to 1, TIA
gain is reduced to 25 kΩ by setting TIA_GAIN_CH1_x to 3,
and the number of modulation pulses is increased to 12 by
setting NUM_REPEAT_x to 12.
#ADPD4100 ECG Measurement with high DC
offset
0009 0080
# 32MHz oscillator trim
000B 02B2
# 1MHz oscillator trim
000D 0D05
# Sampling rate 300 Hz
000F 0006
# 1MHz low frequency oscillator
0010 0000
# Timeslot A enabled
0020 2220
# Float inputs 1&2 during sleep
0021 0001
# IN1/IN2 configured as a
differential pair
# Timeslot configuration #
### Timeslot A - Sleep float mode ECG with
multiple charge tran
sfers
0100 0400
# Input resistor 6500
Ω
0101 00E6
# skip preconditioning,
bandpass filter bypassed
0102 0007
# IN1&IN2 differential pair to
channel 1
0103 0000
# float during preconditioning
0104 02C3
# TIA gain 25k, Vref = 0.88V
0105 0000
# LEDs off
0106 0000
# LEDs off
0107 010C
# 12 pulses
0108 1000
# float mode, minimum period
010A 0203
# Integrator pulse width,
bandpass filter powered down
010B 01A0
# Integrator pulse timing
offset
010C 0210
# Modulation pulse width and
offset
010D 0000
# Chopping mode disabled
010E 0000
# no ADC offset
010F 0000
# no ADC offset
0110 0003
# Configure number of bytes
written to the registers
To account for the cases where dc offset voltage is moderate,
different configurations can be utilized. In general, higher dc
offset voltage cases require low TIA gain and 6500 Ω input
resistor selection, whereas lower dc offset voltage cases can use
higher TIA gain and 500 Ω input resistor selection to achieve
the lowest noise performance. In addition, NUM_REPEAT_x
can be increased to allow the full discharge of the sampling
capacitor. Table 28 summarizes the relevant registers for
handling different dc offset voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com