Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4100BCBZR7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 19Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 20Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 21Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 22Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 23Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 24Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 25Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 26Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 23 of 101
reduce the power consumption. CLK_CAL_ENA defaults to 0
so that the calibration circuitry is disabled by default.
TIME SLOT OPERATION
Operation of the ADPD4100/ADPD4101 is controlled by an
internal configurable controller that generates all the timing
needed to generate sampling regions and sleep periods.
Measurements of multiple sensors and control of synchronous
stimulus sources are handled by multiple time slots. The device
provides up to 12 time slots for multisensor applications. The
enabled time slots are repeated at the sampling rate, which is
configured by the 23-bit TIMESLOT_PERIOD_x bits in the
TS_FREQ register. The following formula determines the
sampling rate:
Sampling Rate = Low Frequency Oscillator Frequency (Hz) ÷
TIMESLOT_PERIOD_x
Each time slot allows the creation of one or more LED and/or
modulation pulses, and the acquisition of the photodiode or
other sensor current based on that stimulus. The operating
parameters for each time slot are highly configurable.
Figure 24 shows the basic time slot operation sequence. Each
time slot is repeated at the sampling rate, followed by an ultra
low power sleep period. By default, subsequent time slots are
initiated immediately following the end of the previous time
slot. In addition, there is an option to add an offset to the start
of the subsequent time slots using the TIMESLOT_OFFSET_x
bits. Figure 25 shows the TIMESLOT_ OFFSET_B bits being
used to offset the start of Time Slot B. In this case, each time
slot still operates at the sampling rate, but there is a sleep period
between Time Slot A and Time Slot B. The wake period shown
in Figure 24 and Figure 25 is used to power up and stabilize the
analog circuitry before data acquisition begins. If the
TIMESLOT_OFFSET_B bits are set to 0, the time slot starts as
soon as the previous time slot finishes.
The time slot offset is always applied to the Time Slot A start
time. For example, TIMESLOT_OFFSET_D is an offset added
to the beginning of Time Slot A, not Time Slot C, which
immediately precedes Time Slot D.
The amount of offset applied is dependent on the low frequency
oscillator used. If using the 1 MHz low frequency oscillator,
Offset = 64 × (Number of 1 MHz Low Frequency Oscillator
Cycles) × TIMESLOT_OFFSET_x
If using the 32 kHz low frequency oscillator,
Offset = 2 × (Number of 32 kHz Low Frequency Oscillator
Cycles) × TIMESLOT_OFFSET_x
For example, if TIMESLOT_OFFSET_C is set to 0x040 and the
1 MHz low frequency oscillator is used, the offset from the start
of Time Slot A to the start of Time Slot C is
Offset = (64 × 1 µs × 64) = 4.096 ms
The sampling rate is controlled by the low frequency oscillator.
The low frequency oscillator is driven by one of three sources as
described in the Clocking section.
If the sampling period is set too short to allow the enabled time
slots to complete, a full cycle of enabled time slot samples are
skipped, effectively reducing the overall sample rate. For example,
if the sampling rate is set to 100 Hz (10 ms period) and the total
amount of time required to complete all enabled time slots is
11 ms, the next cycle of time slots does not begin until t = 20 ms,
effectively reducing the sampling rate to 50 Hz.
If TIMESLOT_OFFSET_x is set too short to allow the previous
time slot to finish, the time slot occurs immediately after the
previous time slot. Time slots always occur in A through L order.
Using External Synchronization for Sampling
An external signal driven to a configured GPIO pin can be used to
wake the device from sleep instead of the TIMESLOT_PERIOD_x
counter, which allows external control of the sample rate and time.
This mode of operation is enabled using the EXT_SYNC_EN
bit and uses the GPIOx pin selected by the EXT_SYNC_GPIO
bits. If using this feature, be sure to enable the selected GPIOx
pin as an input using the appropriate GPIO_PIN_CFGx bits.
When operating with external synchronization and set in go
mode, the device enters sleep first and waits for the next
external synchronization signal before waking up. This external
synchronization signal is then synchronized to the low frequency
oscillator and then starts the wake-up sequence. If an additional
external synchronization is provided prior to completing time
slot operations, it is ignored.
SLEEP
WAKE
TIME SLOT A
TIME SLOT B
TIME SLOT L
SLEEP
WAKE
TIME SLOT A
TIMESLOT_PERIOD_x/
LOW FREQUENCY OSCILLATOR(s)
Figure 24. Basic Time Slot Operation Sequence
SLEEP
WAKE
TIME SLOT A
SLEEP
WAKE
TIME SLOT B
SLEEP
WAKE
TIME SLOT A
TIMESLOT_PERIOD_x/
LOW FREQUENCY OSCILLATOR(s)
TIME SLOT_OFFSET_B
Figure 25. Time Slot Operation with Offset Using TIMESLOT_OFFSET_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com