Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4100BCBZR7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 66Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 67Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 68Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 69Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 70Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 71Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 72Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 73Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 70 of 101
REGISTER DETAILS
GLOBAL CONFIGURATION REGISTERS
Table 30. Global Configuration Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x000D TS_FREQ
[15:0]
TIMESLOT_PERIOD_L Lower 16 bits of time slot period in low frequency oscillator cycles.
The time slot rate is (low frequency oscillator frequency) ÷
(TIMESLOT_PERIOD_x). The default value operates at 100 Hz when
using the 1 MHz low frequency oscillator.
0x2710 R/W
0x000E TS_FREQH
[15:7]
Reserved
Reserved.
0x0
R
[6:0]
TIMESLOT_PERIOD_H Upper seven bits of time slot period in low frequency oscillator
cycles. The time slot rate is (low frequency oscillator frequency) ÷
(TIMESLOT_PERIOD_x). The default value operates at 100 Hz when
using the 1 MHz low frequency oscillator.
0x0
R/W
0x000F SYS_CTL
15
SW_RESET
Software reset. Write 1 to this bit to assert a software reset, which
stops all AFE operations and resets the device to its default values.
Software reset does not reset the SPI or I2C port.
0x0
R/W
[14:10] Reserved
Reserved.
0x0
R
[9:8]
ALT_CLOCKS
External clock select.
0x0
R/W
00: use internal low frequency oscillator and high frequency
oscillator.
01: use external low frequency oscillator.
02: use external high frequency oscillator and internal low
frequency oscillator.
03: use external high frequency oscillator and generate low
frequency oscillator from high frequency oscillator.
[7:6]
ALT_CLK_GPIO
Alternate clock GPIO select.
0x0
R/W
00: use GPIO0 for alternate clock.
01: use GPIO1 for alternate clock.
10: use GPIO2 for alternate clock.
11: use GPIO3 for alternate clock.
[5:3]
Reserved
Write 0x0.
0x0
R/W
2
LFOSC_SEL
Selects low frequency oscillator. This bit selects between the
32 kHz and 1 MHz low speed oscillator.
0x0
R/W
0: use the 32 kHz oscillator as the low frequency clock.
1: use the 1 MHz oscillator as the low frequency clock.
1
OSC_1M_EN
Enable 1 MHz low frequency oscillator. This bit turns on the 1 MHz
low frequency oscillator, which must be left running during all
operations while using this oscillator.
0x0
R/W
0
OSC_32K_EN
Enable 32 kHz low frequency oscillator. This bit turns on the 32 kHz
low frequency oscillator, which must be left running during all
operations while using this oscillator.
0x0
R/W
0x0010 OPMODE
[15:12] Reserved
Reserved.
0x0
R
[11:8]
TIMESLOT_EN
Time slot enable control.
0x0
R/W
0000: Time Slot Sequence A only.
0001: Time Slot Sequence AB.
0010: Time Slot Sequence ABC.
0011: Time Slot Sequence ABCD.
0100: Time Slot Sequence ABCDE.
0101: Time Slot Sequence ABCDEF.
0110: Time Slot Sequence ABCDEFG.
0111: Time Slot Sequence ABCDEFGH.
1000: Time Slot Sequence ABCDEFGHI.
1001: Time Slot Sequence ABCDEFGHIJ.
1010: Time Slot Sequence ABCDEFGHIJK.
1011: Time Slot Sequence ABCDEFGHIJKL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com