Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4100BCBZR7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 41Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 42Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 43Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 44Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 45Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 46Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 47Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 48Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 45 of 101
Table 27. Relevant Configuration Registers for ECG Measurement Using Sleep Float Mode
Group
Time Slot A
Register Address1
Bit Field Name
Description
Signal Path Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0100, Bits[11:10]
INPUT_R_SELECT_x
Set to 0x0 for 500 Ω series input resistor.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass the BPF.
0x0101, Bits[15:12]
PRE_WIDTH_x
Set to 0 to skip preconditioning period.
0x0102, Bits[15:0]
INPxx_x
Set to 0x7 to enable desired inputs connected to Channel 1 as defined
in PAIRxx.
0x0103, Bits[4:12]
PRECON_x
Set to 0x0 to float the inputs during preconditioning.
0x0020, Bits[15:0]
INP_SLEEP_xx
Set to 0x0 to float inputs during sleep.
0x0021, Bits[3:0]
PAIRxx
Set to 1 to configure selected inputs as a differential pair.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Float Mode
Configuration
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per group of ADC conversions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x1 for float type operation.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set to 0. Minimum period is not applicable to sleep float mode with a
single integration.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010A, Bits[10:8],
Bits[14:12]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down BPF for Channel 1, Bit 13 to 1 to
power down BPF for Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to (MOD_OFFSET_x −
INTEG_WIDTH_x – 250 ns).
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of connect pulse in 1 μs increments. MOD_WIDTH_x ×
NUM_REPEAT_x determines the time to transfer the charge from the
external capacitor. Set MOD_WIDTH_x × NUM_REPEAT_x to
approximately three time constants based on the time constant created
between the external capacitor and the series input resistor (500 Ω or
6500 Ω based on setting of INPUT_R_SELECT_x).
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first connect pulse in 1 μs increments. Set to
INTEG_WIDTH_x + 3.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
Sleep Float Mode with Multiple Charge Transfers
In ECG measurement, there can be a dc offset voltage on the
order of tens or hundreds of millivolts or even greater when the
electrode skin contact impedance is high and/or the electrodes
are made of different materials with large half cell potential
mismatch. The dc offset voltage uses a significant amount of the
dynamic range available for the ECG measurement. The
maximum amount of charge that the ADPD4100/ADPD4101
can accommodate for a single sample is ~7.5 pC with the
200 kΩ TIA gain setting. The maximum allowable charge per
sample scales inversely with the gain of the TIA. The presence
of a large dc offset voltage creates excess charge on the sensing
capacitor, which can saturate the input to the ADC. For
example, 100 mV of dc offset voltage adds an additional 47 pC
of charge to the 470 pF capacitor.
To accommodate the dc offset voltage without reducing the size
of the sensing capacitor, the recommendation is to reduce the
TIA gain to 50 kΩ or 100 kΩ, and to transfer the accumulated
charge in multiple short pulses. For example, to transfer 47 pC
of charge from the sensing capacitor to the integrator, the TIA
gain of 50 kΩ can accommodate 30 pC of charge per sample.
Setting RIN = 6.5 kΩ limits the rate of charge transfer into the
TIA with an RC time constant of 2 × 6.5 kΩ × 470 pF = 6.1 μs.
Using multiple short modulation pulses, which can be as short
as 1 µs, allows a smaller percentage of the overall charge to be
transferred and integrated per pulse to avoid saturating the TIA.
Multiple transfer cycles are then used to fully discharge the
sensing capacitor. The ADPD4100/ADPD4101 automatically
sum the results of the transfer cycles and report the total charge.
The timing for this mode is the same as shown in Figure 53
except the device is set up for multiple modulation pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com