Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 31Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
28
NXP Semiconductors
Electrical characteristics
4.3.2
I/O AC parameters
This section includes the AC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
Figure 4 shows load circuit for output, and Figure 5 show the output transition time waveform.
Figure 4. Load circuit for output
Figure 5. Output transition time waveform
4.3.2.1
General purpose I/O AC parameters
The I/O AC parameters for GPIO in slow and fast modes are presented in the Table 21 and Table 22,
respectively. Note that the fast or slow I/O behavior is determined by the appropriate control bits in the
IOMUXC control registers.
1 Overshoot and undershoot conditions (transitions above NVCC_XXXX and below GND) on switching pads must be held
below 0.6 V, and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/
undershoot must be controlled through printed circuit board layout, transmission line impedance matching, signal line
termination, or other methods. Non-compliance to this specification may affect device reliability or cause permanent damage
to the device.
2 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, Vil or Vih. Monotonic input transition time is from 0.1 ns to 1 s.
3 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com