Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 5 Page - NXP Semiconductors

  PIMXRT8024DAF4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
i.MX RT1015 introduction
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
5
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
Figure 1. Part number nomenclature—i.MX RT10XX family
Temperature (Tj)
+
Consumer: 0 to + 95 °C
D
Industrial: -40 to +105 °C
C
Extended Industrial: -40 to +125
C
X
Core Frequency
$
400 MHz
4
500 MHz
5
600 MHz
6
Package Type
VV
225MAPBGA, 13 x 13 mm, 0.8 mm pitch
VN
196MAPBGA, 12 x 12 mm, 0.8 mm pitch
VJ
196MAPBGA, 10 x 10 mm, 0.65 mm pitch
VL
169MAPBGA, 11 x 11 mm, 0.8 mm pitch
JM
169MAPBGA, 9 x 9 mm, 0.65 mm pitch
FP
144LQFP, 20 x 20 mm, 0.5 mm pitch
AG
100LQFP, 14 x 14 mm, 0.5 mm pitch
AF
80LQFP, 12 x 12 mm, 0.5 mm pitch
AE
Qualification Level
M
Prototype Samples
P
Mass Production
M
Special
S
Part # series
XX
i.MX RT
RT
Tie
%
Standard Feature
1
Full Feature
2
4MB Flash SIP
4
Enhanced Feature
5
Far Field AFE
A
Facial Recognition
F
Local Voice Control (audio input models)
L
Local Voice Control (text input models)
S
M
IMX
X X
@
%
+
VV
$
A
Family
@
First Generation RT family
1
Reserved
2-8
##
Sub-Family
##
RT101x
01
RT102x
02
RT104x
04
RT105x
05
RT106x
06
Silicon Rev
A
A0
A
A1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com