Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 4 Page - NXP Semiconductors

  PIMXRT8024DAF4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
4
NXP Semiconductors
i.MX RT1015 introduction
•
Bus Encryption Engine (BEE)
— AES-128, ECB, and CTR mode
— On-the-fly QSPI Flash decryption
•
True random number generation (TRNG)
•
Secure Non-Volatile Storage (SNVS)
— Secure real-time clock (RTC)
— Zero Master Key (ZMK)
•
Secure JTAG Controller (SJC)
NOTE
The actual feature set depends on the part numbers as described in Table 1.
Functions such as display and camera interfaces, connectivity interfaces,
and security features are not offered on all derivatives.
1.2
Ordering information
Table 1 provides examples of orderable part numbers covered by this data sheet.
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
Table 1. Ordering information
Part Number
Feature
Package
Junction
Temperature Tj (C)
MIMXRT1015DAF5A
Features supports:
• 500 MHz, consumer grade for general
purpose
• 128K RAM
• USB OTG x1
• SAI x3
• SPDIF x1
• General Purpose Timer x2
•PWM x1
•UART x4
•I2C x2
• SPI x2
•ADC x1
• MQS x1
• FlexIO x1
•QTimer x1
•ENC x1
• DCDC
• TRNG x1
• Quad-SPI x1
• WDOG x4
• Security RTC
• 57 GPIOs
14 x 14 mm, 0.5 mm pitch,
100-pin LQFP
0 to +95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com