Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 36Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
40
NXP Semiconductors
Electrical characteristics
Figure 19. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case B1)
Figure 20. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case B2)
4.5.1.1
FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals
and data outputs.
4.5.1.1.1
SDR mode
Table 36. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case B2)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
166
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-1
1
ns
Table 37. FlexSPI output timing in SDR mode
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
1661
MHz
Tck
SCK clock period
6.0
—
ns
TDVO
Output data valid time
—
1
ns
TDHO
Output data hold time
-1
—
ns
TSCKD
TSCKDQS
SIO[0:7]
DQS
SCK
TSCKD
TSCK2DQS
SCK2
SIO[0:7]
DQS
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com