Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
49
Conversion Time
ADLSMP=0
ADSTS=00
Tconv
—
0.7
—
µs
Fadc = 40 MHz
ADLSMP=0
ADSTS=01
0.75
ADLSMP=0
ADSTS=10
0.8
ADLSMP=0
ADSTS=11
0.85
ADLSMP=1
ADSTS=00
0.95
ADLSMP=1
ADSTS=01
1.05
ADLSMP=1
ADSTS=10
1.15
ADLSMP=1,
ADSTS=11
1.25
Total Unadjusted
Error
12 bit mode
TUE
—
3.4
—
LSB
1 LSB =
(VREFH -
VREFL)/2
N
AVGE = 1, AVGS = 11
10 bit mode
—
1.5
—
8 bit mode
—
1.2
—
Differential
Non-Linearity
12 bit mode
DNL
—
0.76
—
LSB
AVGE = 1, AVGS = 11
10bit mode
—
0.36
—
8 bit mode
—
0.14
—
Integral Non-Linearity 12 bit mode
INL
—
2.78
—
LSB
AVGE = 1, AVGS = 11
10bit mode
—
0.61
—
8 bit mode
—
0.14
—
Zero-Scale Error
12 bit mode
EZS
—
-1.14
—
LSB
AVGE = 1, AVGS = 11
10bit mode
—
-0.25
—
8 bit mode
—
-0.19
—
Full-Scale Error
12 bit mode
EFS
—
-1.06
—
LSB
AVGE = 1, AVGS = 11
10bit mode
—
-0.03
—
8 bit mode
—
-0.02
—
Effective Number of
Bits
12 bit mode
ENOB
10.1
10.7
—
Bits
AVGE = 1, AVGS = 11
Signal to Noise plus
Distortion
See ENOB
SINAD
SINAD = 6.02 x ENOB + 1.76
dB
AVGE = 1, AVGS = 11
1 All accuracy numbers assume the ADC is calibrated with VREFH=VDDAD
Table 44. 12-bit ADC characteristics (VREFH = VDDA, VREFL = VSSAD) (continued)
Characteristic
Conditions1
Symb
Min
Typ2
Max
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com