Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLR64400ROMMCU Datasheet(PDF) 84 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 84 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 80Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 81Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 82Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 83Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 84Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 85Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 86Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 87Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 88Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Counter/Timer Registers
ZLR64400 ROM MCU
Product Specification
74
Counter/Timer 8 Control Register
The Counter/Timer 8 Control Register controls the timer function of the T8 timer. This
Bank D register is described in Table 35.
Writing a 1 to CTR0[5] is the only way to reset the Terminal Count status condition. Re-
set this bit before using/enabling the counter/timers.
Be careful when using the OR or AND commands to manipulate CTR0, bit 5 and CTR1,
bits 0 and 1 (Demodulation Mode). These instructions use a Read-Modify-Write se-
quence in which the current status from the CTR0 and CTR1 registers is ORed or AND-
ed with the designated value and then written back into the registers.
Example: When the status of bit 5 is 1, a timer reset condition occurs.
Table 35. Counter/Timer 8 Control Register (CTR0)
Bit
7
6
5
4
3
2
1
0
Field
T8_Enable
Single/
Modulo-N
Time_Out T8 _Clock
Capture_INT_M
ask
Counter_INT_M
ask
P34_Out
Reset
0
00
0
0
0
00
R/W
R/W
R/W
R/W
R/W R/W
R/W
R/W
R/W
Address
Bank D: 00h; Linear: D00h
Bit
Position
Value Description
[7]
0
1
T8_Enable—Disable/enable the T8 counter.
Disable counter.
Enable counter. Configure T8 properly before enabling it.
[6]
0
1
Single Pass/Modulo-N
MODULO-N mode. Counter reloads the initial value when terminal count is reached
Single-Pass mode. Counter stops when the terminal count is reached
[5]
Read:
0
1
Write:
0
1
Time_Out—This bit is set when the T8 terminal count is reached.
No counter time-out occurs.
Counter time-out occurred.
No effect.
Reset flag to 0. Software must reset this flag before using counter/timers.
Caution:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com