Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLR64400ROMMCU Datasheet(PDF) 46 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 42Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 43Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 44Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 45Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 46Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 47Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 48Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 49Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Register Pointer Register
ZLR64400 ROM MCU
Product Specification
36
Register Pointer Register
The upper nibble of the register pointer (see Table 16) selects which working register
group, of 16 bytes in the register file, is accessed out of the possible 256. The lower nibble
selects the expanded register file bank and, in the case of the Crimzon™ ZLR64400 MCU
family, banks 0, 1, 2, 3, F, and D are implemented. A ð¸ in the lower nibble allows the
normal register file (Bank 0) to be addressed. Any other value from ðï¸ to ðÚ¸ exchanges
the lower 16 registers to an expanded register bank. See Table 16.
Table 16. Register Pointer Register (RP)
Bit
7
6
5
4
3
2
1
0
Field
Working Register Group Pointer
Register Bank Pointer
Reset
0
0
00
0
0
00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: FDh; Linear 0FDh
Bit
Position
Value Description
[7:4]
0h–Fh
Working Register Group Pointer
Determines which 16-byte working group is addressed.
[3:0]
0h–Fh
Register Bank Pointer
Determines which bank is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com