Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLR64400ROMMCU Datasheet(PDF) 30 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 26Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 27Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 28Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 29Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 30Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 31Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 32Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 33Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Port Configuration Register (PCON)
ZLR64400 ROM MCU
Product Specification
20
Port Configuration Register (PCON)
The Port Configuration (PCON) register, shown in Table 9, configures the Port 0 output
mode and the comparator output on Port 3. The PCON register is located in expanded reg-
ister Bank F, address 00h.
This register is not reset after a stop-mode recovery.
Table 9. Port Configuration Register (PCON)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Port 0 Output Mode
Reserved Comp./IR Amp. Output Port 3
Reset
X
X
X
X
X
1
X
0
R/W
—
W
—
W
Address
Bank F: 00h; Linear: F00h
Bit
Position
Value Description
[7:3]
—
Reserved—Writes have no effect; reads 11111b.
[2]
0
1
Port 0 Output Mode—Controls the output mode of port 0. Write only; reads return 1.
Open-drain
Push/pull
[1]
—
Reserved—Writes have no effect; reads 1.
[0]
0
1
Comparator or IR Amplifier Output Port 3—
Select digital outputs or comparator and
IR amplifier outputs on P34 and P37. Write only; reads return 1.
P34 and P37 outputs are digital.
P34 is Comparator 1 or IR Amplifier output, P37 is Comparator 2 output.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com