Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLR64400ROMMCU Datasheet(PDF) 85 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 85 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 81Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 82Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 83Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 84Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 85Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 86Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 87Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 88Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 89Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Counter/Timer Registers
ZLR64400 ROM MCU
Product Specification
75
[4:3]
00
01
10
11
T8 _Clock—Select the T8 input clock frequency.
These bits are not reset upon stop-mode recovery.
SCLK.
SCLK ÷ 2.
SCLK ÷ 4.
SCLK ÷ 8.
[2]
0
1
Capture_INT_Mask—Disable/enable interrupt when data is captured into either LO8
or HI8 upon a positive or negative edge detection in demodulation mode.
This bit is not reset upon stop-mode recovery.
Disable data capture interrupt.
Enable data capture interrupt.
[1]
0
1
Counter_INT_Mask—Disable/enable T8 time-out interrupt.
This bit is not reset upon stop-mode recovery.
Disable time-out interrupt.
Enable time-out interrupt.
[0]
0
1
P34_Out—Select normal I/O or T8 output function for Port 3, pin 4.
P34 as port output.
T8 output on P34.
Bit
Position
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com