Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLR64400ROMMCU Datasheet(PDF) 53 Page - Zilog, Inc.

Part # ZLR64400ROMMCU
Description  ZLR64400 ROM MCU with Learning Amplification
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR64400ROMMCU Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button ZLR64400ROMMCU Datasheet HTML 49Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 50Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 51Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 52Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 53Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 54Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 55Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 56Page - Zilog, Inc. ZLR64400ROMMCU Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
PS024502-1205
P R E L I M I N A R Y
Operation
ZLR64400 ROM MCU
Product Specification
43
Operation
The UART channel can be used to communicate with a master microprocessor or as a
slave microprocessor, both of which exhibit transmit and receive functionality. A user can
either operate the UART channel by polling the UART Status register or via interrupts.
The UART remains active during HALT mode. If neither the transmitter nor the receiver is
enabled, the UART baud rate generator can be used as an additional timer. The UART
contains a noise filter for the receiver that can be enabled by the user.
Data Format
The UART always transmits and receives data in an 8-bit data format, with the least-sig-
nificant bit occurring first. An even or odd parity bit can be optionally added to the data
stream. Each character begins with an active Low Start bit and ends with either 1 or 2
active High Stop bits. Figures 14 and 15 illustrate the asynchronous data format employed
by the UARTs without parity and with parity, respectively.
Figure 13. UART Block Diagram
Receive Shifter
Parity Generator
Status Register
Transmitter Control
Transmit Shift
Register
Receive Data
Register
Transmit Data
Register
Baud Rate
Generator
Control Registers
RxD
System Bus
TxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com