Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 29 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 25Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 26Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 27Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 28Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 29Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 30Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
LTC4162-F
Rev A
For more information www.analog.com
SMBus and I2C Protocol Compatibility
The LTC4162 uses an SMBus/I2C style 2-wire serial port
for some programming and all monitoring functions. Over
the serial port the user may program alert values which
are compared against measured parameters, set control
parameters and read status data. The Timing Diagram
shows the relationship of the signals on the bus. The two
bus lines, SDA and SCL, must be high when the bus is not
inuse.Externalpull-upresistorsarerequiredontheselines.
TheLTC4162isbothaslavereceiverandslavetransmitter.
It is never a master. The control signals, SDA and SCL,
are scaled internally to the DVCC supply for compliance
with the I2C specification. DVCC should be connected to
the same power supply as the bus pull-up resistors.
Asidefromelectricallevelsandbusspeed,theSMBusspec-
ification is generally compatible with the I2C specification,
but extends beyond I2C to define and standardize specific
formats for various types of transactions. The LTC4162
serial port is compatible with the 0Hz-400kHz speed and
ratiometric input thresholds of the I2C specification, but
supports both the Read-Word and Write-Word protocols
of the SMBus specification, either with or without packet
error checking (PEC). The SMBALERT and ARA protocols
of the SMBus specification are also supported. Finally, it
has built-in timing delays and glitch suppression filters to
ensure correct operation with both protocols.
The input logic levels of I2C and SMBus are specified dif-
ferently. I2C specifies logic levels that are ratiometric to
supplyandSMBusspecifiesabsolutelevels.Bycomparing
the specifications, it can be shown that the logic levels
are compatible for supply voltages ranging from 2.667V
to 3.000V, however, with a well designed system, I2C
compatible and SMBus compatible parts are often found
to be interchangeable. Appendix B of System Manage-
ment Bus (SMBus) Specification Version 2.0 highlights
differences between SMBus and I2C, as does section 4 of
I2C-bus Specification and User Manual.
APPLICATIONS INFORMATION
Alternate Thermistors and Biasing
Thermistors with a βvaluehigherthan3490Kmaybeused
with the LTC4162 by either diluting the thermistor with
an inexpensive low drift series resistor, RSERIES, or over-
writing jeita_t1 through jeita_t6 with appropriate values.
If a single dilution resistor is added, RNTCBIAS should be
increased by an amount equal to the dilution resistor to
pad the bias resistor, thereby returning the resistor ratio
to 50% and, therefore, yielding no error at 25°C. Slightly
more padding of RNTCBIASmaybedesiredtoliftandcenter
the error curve over a given temperature range. With the
addition of one more resistor, RPARALLEL,tothethermistor
biasnetwork,it'spossibletofurtherrefinethetemperature
profile of a higher β thermistor to match the expected β
value of 3490K. The values of RNTCBIAS, RPARALLEL and
RSERIES can be selected to nearly match the thermistor
profile expected by the LTC4162. An example is included
here as a demonstration.
4162F F03
RSERIES
RNTCBIAS
RPARALLEL
RNTC
NTC
THERMISTOR
NTCBIAS
T
Figure 3. Diluting the Thermistor with Low Drift Series and
Parallel Resistors
For a 10k Vishay NTCS0402E3103FHT thermistor which
has a β25/75 value of 3950K, using RNTCBIAS = 10k, RSER-
IES = 549 and RPARALLEL = 187k will closely mimic the
profile of a thermistor β value of 3490K over the 0°C to
60°C range resulting in a nominal error of under ±0.5°C
for the default JEITA temperature thresholds defined by
jeita_t1 through jeita_t6. This error is significantly less
than the error tolerance of most thermistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com