Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 15Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 16Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 17Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 18Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 19Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 20Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 21Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 22Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
VOUT Voltage Measurement
Output voltage is measured through a 30.07:1 resistive
voltage divider making the A/D span term for system volt-
age measurements 30.07/18191 or 1.653mV/LSB and is
digitized to vout. An alert may be set on output voltage by
settingthevaluevout_lo_alert_limitorvout_hi_alert_limit
and setting en_vout_lo_alert or en_vout_hi_alert. These
alerts are indicated by vout_lo_alert and vout_hi_alert and
are cleared by writing them to 0.
Battery Current Measurement
Battery current is measured with a current sense resistor
between the CSP and CSN pins. An amplifier with a gain of
37.5 amplifies this signal and refers it to ground internally
so that the A/D converter can measure it. The sensed bat-
tery current is therefore given by IBAT • RSNSB • 37.5. For
a 10mΩ RSNSB current sense resistor, the A/D sensitivity
is 1/(18191 • 10mΩ • 37.5) or 146.6µA/LSB. The battery
current measurement system has a built in commutator.
While charging a battery, two's complement number ibat
willbepositiverepresentingcurrentintothebattery.When
the battery charger is disabled or terminated, as detected
by charger_suspended, the commutator is activated and
ibat will be negative, representing current out of the bat-
tery. An alert may be set on the ibat measurement by
setting the desired value in ibat_lo_alert_limit and setting
en_ibat_lo_alert. While charging, ibat_lo_alert_limit can
be used to detect when the charge current has dropped
below a given threshold. When charger_suspended, if set
to a negative number, ibat_lo_alert_limit can be used to
detect if the battery load has exceeded a given threshold.
This alert is indicated by ibat_lo_alert and is cleared by
writing it to 0.
Input Current Measurement
Input current is measured with a current sense resistor
between the CLP and CLN pins. An amplifier with a gain of
37.5 amplifies this signal and refers it to ground internally
so that the A/D converter can measure it. The sensed
input current is therefore given by IIN • RSNSI • 37.5. For
a 10mΩ RSNSI current sense resistor, the A/D sensitivity
is 1/(18191 • 10mΩ • 37.5) or 146.6µA/LSB. The input
current is digitized to iin. An upper limit alert may be set
on input current by setting the value iin_hi_alert_limit
and setting the en_iin_hi_alert. This alert is indicated by
iin_hi_alert and is cleared by writing it to 0.
Battery Series Resistance (BSR) Measurement
The LTC4162 can optionally measure the series resistance
of the battery stack or cell. If run_bsr is set, the LTC4162
momentarily suspends the battery charger and calculates
thebatteryseriesresistancebydividingthevoltagechange
(chargingvsnotcharging)bythemeasuredchargecurrent
(bsr_charge_current).
The per-cell resistance value is reported in bsr and the
charge current observed during the measurement is re-
portedinbsr_charge_current.TheLTC4162automatically
resets run_bsr after the bsr measurement is complete.
The total battery series resistance value is proportional to
the charge current sense resistor, RSNSB, as well as the
cell_count,andcanbecomputedinΩfromtheexpression:
RBAT(Ω) =
bsr • cell_ count • RSNSB
500
Higher bsr_charge_current during a bsr measurement
results in a more accurate bsr measurement. Very low
values of bsr_charge_current may adversely impact the
accuracy of the bsr measurement. If charge current is
less than C/10 (bsr_charge_current < icharge_over_10),
bsr_questionable will be set indicating that bsr_charge_
current during the bsr test was less than optimum for an
accurate reading. Recall that full charge current typically
flows at the beginning of a charge cycle (presuming the
battery is more deeply depleted) and will diminish when
the charger enters the constant voltage phase of charging.
Ifrun_bsrissetto1andthebatterychargerisnotcurrently
running, then the LTC4162 will be queued to perform the
bsr measurement only after the start of the next charge
cycle. An alert can be set with en_bsr_done_alert to
generate a bsr_done_alert interrupt indicating that a bsr
measurement is complete and that the result is available. A
bsr_hi_alert may also be set on battery series impedance
bywritingabsr_hi_alert_limitandsettingen_bsr_hi_alert.
Again, the bsr reading is the per-cell battery resistance
and should be scaled by cell_count or, consequently, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com