Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 30 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 26Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 27Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 28Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 29Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 30Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
0
10
20
30
40
50
60
TEMPERATURE (°C)
−1.0
−0.5
0.0
0.5
1.0
4162F F04
Thermistor: NTCS0402E3103FHT
NTCBIAS
R
=10k
SERIES
R
=549
PARALLEL
R
=187k
Figure 4. Residual Error from 0°C to 60°C for
a
β25/75 = 3950K Thermistor
For tools that can assist with alternate thermistors, please
visit the LTC4162 web page.
Programming the Input and Battery Charge Current
Limits
TheLTC4162featuresindependentresistorprogrammabil-
ity of the input current and battery charge current upper
limits to facilitate optimal charging from a wide variety of
inputpowersources.Thebatterychargecurrentshouldbe
programmed solely on the basis of the size of the battery
and its associated safe charging rate. Typically, this rate is
about "1C", or equal to the current which would discharge
the battery in one hour. For example, a 2000mAh battery
would be charged with no more than 2A. With the full
scale (default) charge current programmed via the resis-
tor, RSNSB, between CSP and CSN, all other selectable
charge current settings are lower and may be appropriate
for custom charge algorithms at extreme temperatures.
If the battery charge current limit requires more power
than is available from the selected input current limit, the
input current limit will be enforced and the battery will be
charged with less than the programmed current. Thus,
the battery charger sense resistor should be programmed
based on the battery capacity only, without concern for
the input source.
The maximum average input current is determined by
the sense resistor, RSNSI, connected between the CLP
and CLN pins. Its value should be chosen based only on
the maximum available current limit of the expected input
source. The input and charge current loops servo the volt-
agesacrosstheirrespectivesenseresistorstoamaximum
of 32mV, giving maximum input and charge currents of:
IIN(MAX) = 32mV/RSNSI
ICHG(MAX) = 32mV/RSNSB
The charge current and input current sense resistors con-
vertthechargeandinputcurrentsintoavoltagemeasurable
by the LTC4162. The accuracy and temperature coefficient
ofthecurrentsenseresistorscontributedirectlytothecur-
rent regulation accuracy of the LTC4162. While 4-terminal
resistors are available for current sensing applications,
simpler 2-terminal resistors provide a more economical
solution. Power dissipation of the sense resistors should
be carefully considered. For example, with a 3.2A charge
current the sense resistor would be 10mΩ and power
dissipation would be 3.2²A² • 10mΩ = 102.4mW. While
a 1/8W 0603 resistor is theoretically feasible in this ap-
plication, its temperature rise could be quite high. A 1/4W
to 1/2W 0805 resistor might be a better choice for lower
thermal rise and subsequently better accuracy. Using
larger copper pours and having more copper coverage
will reduce the thermal resistance of the sense resistors.
Figure 5 shows an example of a proper Kelvin connection
to the current sense resistors.
4162F F05
Figure 5. Kelvin Current Sensing with an 0805 Resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com