Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 38 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 37Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 38Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 39Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 40Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 41Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
LTC4162-F
Rev A
For more information www.analog.com
REGISTER DESCRIPTIONS
Symbol Name
Command
Code
Access
Bit
Range
Default Description
EN_CHARGER_
STATE_ALERTS_
REG
0x0E
R/W
[12:0]
0
Enable charger state notification via SMBALERT
en_bat_detect_
failed_fault_alert
[12]
0
Interrupt request that causes an SMBALERT upon bat_detect_failed_fault_alert as
indicated by bat_detect_failed_fault due to an inability to source power to the battery
during battery detection testing (usually due to either iin_limit_active or vin_uvcl_active).
en_battery_
detection_alert
[11]
0
Interrupt request that causes an SMBALERT upon battery_detection_alert as indicated
by battery_detection due to the LTC4162 entering battery detection testing.
en_absorb_charge_
alert
[9]
0
Interrupt request that causes an SMBALERT upon absorb_charge_alert when the
absorb_charge phase of a battery charge cycle begins.
en_charger_
suspended_alert
[8]
0
Interrupt request that causes an SMBALERT upon charger_suspended_alert as indicated
by charger_suspended whereby battery charging is terminated due to suspend_charger
or thermistor_voltage out of jeita_t1 - jeita_t6 range.
en_cc_cv_charge_
alert
[6]
0
Interrupt request that causes an SMBALERT upon cc_cv_charge_alert as indicated by
cc_cv_charge denoting the onset of the constant current / constant voltage phase of a
battery charging cycle.
en_ntc_pause_alert
[5]
0
Interrupt request that causes an SMBALERT upon ntc_pause_alert as indicated by
ntc_pause whereby a battery charge cycle is interrupted due to thermistor_voltage out
of range as set by the jeita_t1 through jeita_t6 values.
en_timer_term_
alert
[4]
0
Interrupt request that causes an SMBALERT upon timer_term_alert as indicated
by timer_term whereby a battery charge cycle terminates due to tcvtimer reaching
max_cv_time, the maximum time allowed in constant_voltage mode.
en_c_over_x_
term_alert
[3]
0
Interrupt request that causes an SMBALERT upon c_over_x_term_alert as indicated by
c_over_x_term whereby a battery charge cycle terminates due to ibat dropping below
the c_over_x_threshold.
en_max_charge_
time_alert
[2]
0
Interrupt request that causes an SMBALERT upon max_charge_time_fault_alert as
indicatedbymax_charge_time_faultwherebycharginghasterminatedduetotchargetimer
reaching max_charge_time.
en_bat_missing_
fault_alert
[1]
0
Interrupt request that causes an SMBALERT upon bat_missing_fault_alert as indicated
by bat_missing_fault whereby charging is prohibited if no battery is detected during the
battery presence detection phase at the beginning of a charge cycle.
en_bat_short_
fault_alert
[0]
0
Interrupt request that causes an SMBALERT upon bat_short_fault_alert as indicated by
bat_short_fault whereby charging is prohibited if a shorted battery is detected during
the battery presence detection phase at the beginning of a charge cycle.
EN_CHARGE_
STATUS_ALERTS_
REG
0x0F
R/W
[5:0]
0
Enable charge status notification via SMBALERT
en_ilim_reg_
active_alert
[5]
0
Interrupt request that causes an ilim_reg_active_alert SMBALERT upon ilim_reg_active
(VCSP-VCSN greater than 45mV). May indicates that the switching regulator is currently
controlling power delivery based on a safety current limit. This should not occur under
normal conditions and is likely the result of a circuit board fault. Alternately indicates
that the switching regulator is in dropout (near 100% duty cycle) and is not regulating
on any feedback control loop.
en_thermal_reg_
active_alert
[4]
0
Interrupt request that causes a thermal_reg_active_alert SMBALERT upon thermal_reg_
active indicating that the icharge_dac is being dialed back to reduce internal die heating.
en_vin_uvcl_
active_alert
[3]
0
Interrupt request that causes a vin_uvcl_active_alert SMBALERT upon vin_uvcl_active
indicatingthattheundervoltageregulationloophastakencontroloftheswitchingregulator.
en_iin_limit_
active_alert
[2]
0
Interrupt request that causes a iin_limit_active_alert SMBALERT upon iin_limit_active
indicatingthattheinputcurrentregulationloophastakencontroloftheswitchingregulator.
en_constant_
current_alert
[1]
0
Interruptrequestthatcausesaconstant_current_alertSMBALERTuponconstant_current
indicating that the battery charger constant current regulation loop has taken control
of the switching regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com