Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 35 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 35 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 31Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 32Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 33Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 34Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 35Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 36Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 37Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 38Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
minimize parasitic inductance, the ground plane should
be as close as possible to the top plane of the PC board
(i.e. layer 2).
4162F F10
Figure 10. Currents Tend to Follow Their Natural Least
Area Path. Breaks in the Ground Plane Lead to Increased
Impedance and EMI
The capacitor from VOUT to PGND is the most critical high
frequencycomponent.It'sproximitytotheLTC4162should
be prioritized above all else. The LTC4162 is designed to
have this capacitor placed directly adjacent to the short
side of the package where the connections to pins (27,28)
and (23,24) can be made on the top copper layer of the
PC board (see Figures 12 and 13). The inductor connec-
tion to SW should feed out between the input capacitor
terminals or down to a lower layer with a group of vias
very close to the LTC4162.
+–
VIN
HOT LOOP
COUT
4162F F11
CBAT
S2
S1
VBAT
Figure 11. Hot Loop
4162F F12
Figure 12. Recommended Placement of the VOUT Bypass
Capacitor and Inductor
Figure 13. Recommended Placement of the VOUT Bypass
Capacitor and Inductor
Due to its high frequency switching circuitry, it is also
imperative that the INTVCC and VCC2P5 LDO capacitors
as well as the BOOST-SW capacitor be as close to the
LTC4162 as possible. Additionally, minimizing the SW
pin trace area will help minimize high frequency radiated
energy.
The ceramic capacitor on BATSENS+ carries the inductor
ripple current. While not as critical as the VOUT bypass
capacitor, an unbroken copper pour from this capacitor's
lowsidetotheLTC4162PGNDpins(23,24)andtheanalog
ground pin (paddle) will reduce output voltage ripple and
ensure proper regulation.
The LTC4162 demonstration board DC2038A provides an
excellent example of a suitable PC board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com