| Electronic Components Datasheet Search |
|
PCE85176AUG/DA Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE85176AUG/DA Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 48 page ![]() PCE85176AUG All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 12 January 2015 27 of 48 NXP Semiconductors PCE85176AUG 4 × 40 LCD segment driver for Chip-On-Glass 8.4 Acknowledge The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge cycle. • A slave receiver, which is addressed, must generate an acknowledge after the reception of each byte. • A master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. • The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be considered). • A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is illustrated in Figure 20. 8.5 I2C-bus controller The PCE85176AUG acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data outputs from the PCE85176AUG are the acknowledge signals. Fig 19. System configuration Fig 20. Acknowledgement of the I2C-bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |