Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE85176AUG/DA Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 24Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 25Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 26Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 27Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 28Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 29Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 30Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 31Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
28 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
8.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are used to address the
PCE85176AUG. The entire I2C-bus slave address byte is shown in Table 22.
The PCE85176AUG is a write-only device and will not respond to a read access, therefore
bit 0 should always be logic 0. Bit 1 of the slave address byte that a PCE85176AUG
responds to, is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for
logic 1).
The I2C-bus protocol is shown in Figure 21. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible
PCE85176AUG slave addresses available.
The last command byte sent is identified by resetting its most significant bit, continuation
bit C (see Figure 22).
Table 22.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
01
11
00
SA0
R/W
Fig 21. I2C-bus protocol
Fig 22. Format of command byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com