Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE85176AUG/DA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 3Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 4Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 5Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 6Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 7Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 8Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 9Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 10Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
7 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
7.1.5 Command: blink-select
The blink-select command allows configuring the blink mode and the blink frequency.
[1]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[2]
Alternate RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
7.2 Clock and frame frequency
7.2.1 Internal clock
The internal logic of the PCE85176AUG and its LCD drive signals are timed either by its
internal oscillator or by an external clock. The internal oscillator is enabled by connecting
pin OSC to pin VSS.
7.2.2 External clock
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD.
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.2.3 Timing
The PCE85176AUG timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. The timing
also generates the LCD frame signal whose frequency is derived from the clock
frequency. The frame signal frequency is a fixed division of the clock frequency from either
the internal or an external clock:
Table 15.
Blink-select command bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
C
1
1
1
0
AB
BF[1:0]
Table 16.
Blink-select command bit description
See Section 7.2.4.
Bit
Symbol
Value
Description
7C
0, 1
see Table 6
6 to 3
-
1110
fixed value
2AB
blink mode selection
0
normal blinking[1]
1
alternate RAM bank blinking[2]
1 to 0
BF[1:0]
blink frequency selection (see Table 17)
00
off
01
1
10
2
11
3
f
fr
f
clk
24
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com