Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE85176AUG/DA Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 34Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 35Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 36Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 37Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 38Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 39Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 40Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 41Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
38 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
[1]
Pressure of diamond head: 10 g to 50 g.
16. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent
standards.
17. Packing information
17.1 Tray information for PCE85176AUG
Table 28.
Alignment marks
All x/y coordinates represent the position of the REF point (see Figure 28) with respect to the center
(x/y = 0) of the chip (see Figure 2, and Figure 27).
Symbol
Location
Dimension (
m)
X (
m)
Y (
m)
Q1
987.1
778.0
45
 45
C1
955.4
778.0
45
 45
Table 29.
Gold bump hardness
Type number
Min
Max
Unit[1]
PCE85176AUG/DA
60
120
HV
Fig 29. Tray details for PCE85176AUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com