Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
RSSI
The receiver also performs the RSSI (Received Signal Strength Indicator) measurement for both channels. The
RSSI measurement is started after the rising edge of rx_on. It stays active as long as signal rx_on is high, it is
frozen while rx_on is low. The RSSI is a peak hold system, and the value can only increase from the initial zero
value. Every time the AGC reduces the gain the RSSI measurement is reset and starts from zero. Result of RSSI
measurements is a 4-bit value that can be observed by reading the RSSI display register. The LSB step is 2.8 dB,
and the maximum code is Dh (13d).
Since the RSSI measurement is of peak hold type the RSSI measurement result does not follow any variations in
the signal strength (the highest value will be kept). In order to follow RSSI variations it is possible to reset the
RSSI bits and restart the measurement by sending the direct command Clear RSSI.
Receiver in NFCIP-1 active communication mode
There are several features built into the receiver to enable reliable reception of active
NFCIP-1 communication. All these settings are automatically preset by sending the direct command Analog
Preset after the NFCIP-1 mode has been configured. In addition to the filtering options, there are two NFCIP-1
active communication mode specific configuration bits stored in the Receiver configuration register 3.
Bit lim enables clipping circuits that are positioned after the first and second gain stages. The function of the
clipping circuits is to limit the signal level for the following filtering stage (when the NFCIP-1 peer is close the input
signal level can be quite high).
Bit rg_nfc forces gain reduction of second and third filtering stage to -6 dB while keeping the digitizer comparator
window at maximum level.
1.2.4
Capacitive sensor
The Capacitive sensor block (Figure 5) gives the possibility of low power detection of tag presence.
The capacitive measurement system comprises two electrodes. One is the excitation electrode emitting an
electrical field of a fixed frequency in the range of a few hundred kHz (CSO) and the second one is the sensing
electrode (CSI). The amount of charge generated in the sensing electrode represents the capacitance between
the two electrodes. The capacitive sensor electrodes are tolerant to parasitic capacitance to ground (up to 25 pF)
and to input leakage (up to 1 MΩ).
Since the charge on the sensing electrode is generated with the frequency of the excitation electrode, a
synchronous rectifier is used to detect it. This ensures good rejection of interference and high tolerance to
parasitic capacitances (to all nodes except the excitation electrode). The synchronous rectifier output is a DC
voltage linearly proportional to the capacitance between the excitation and sensing electrode. The output DC
voltage is converted by the A/D converter in absolute mode. The result is stored in the Section 1.3.33 A/D
converter output register (see also Section 1.2.8 A/D converter).
Figure 5. Capacitive sensor block diagram
Oscillator
A/D converter
Synchronous
rectifier
CSO
CSI
Any conductive object (human hand or tag antenna windings) approaching the two electrodes changes the
capacitance between the excitation and sensing electrode as it 'shortens' the distance between the two by
providing conductance on the part of the path between the two electrodes.
ST25R3911B
Application information
DS11793 - Rev 6
page 11/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com