Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 53Page - STMicroelectronics ST25DV16KC Datasheet HTML 54Page - STMicroelectronics ST25DV16KC Datasheet HTML 55Page - STMicroelectronics ST25DV16KC Datasheet HTML 56Page - STMicroelectronics ST25DV16KC Datasheet HTML 57Page - STMicroelectronics ST25DV16KC Datasheet HTML 58Page - STMicroelectronics ST25DV16KC Datasheet HTML 59Page - STMicroelectronics ST25DV16KC Datasheet HTML 60Page - STMicroelectronics ST25DV16KC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 203 page
background image
Table 62. RF_PWD_1 access
RF
I2C
Command
Type
Address
Type
Present Password (cmd code B3h)
Write Password (cmd code B1h)
WO if RF configuration security session
is open with RF password 1
No access
Table 63. RF_PWD_1
Bit
Name
Function
Factory value
b7-b0
RF_PWD_1
Byte 0 (LSB) of password 1 for RF user security session
00h
Byte 1 of password 1 for RF user security session
00h
Byte 2 of password 1 for RF user security session
00h
Byte 3 of password 1 for RF user security session
00h
Byte 4 of password 1 for RF user security session
00h
Byte 5 of password 1 for RF user security session
00h
Byte 6 of password 1 for RF user security session
00h
Byte 7 (MSB) of password 1 for RF user security session
00h
Note:
Refer to Table 13. System configuration memory map for the RF_PWD_1 register.
Table 64. RF_PWD_2 access
RF
I2C
Command
Type
Address
Type
Present Password (cmd code B3h)
Write Password (cmd code B1h)
WO if RF user security session is open
with RF password 2
No access
Table 65. RF_PWD_2
Bit
Name
Function
Factory value
b7-b0
RF_PWD_2
Byte 0 (LSB) of password 2 for RF user security session
00h
Byte 1 of password 2 for RF user security session
00h
Byte 2 of password 2 for RF user security session
00h
Byte 3 of password 2 for RF user security session
00h
Byte 4 of password 2 for RF user security session
00h
Byte 5 of password 2 for RF user security session
00h
Byte 6 of password 2 for RF user security session
00h
Byte 7 (MSB) of password 2 for RF user security session
00h
Note:
Refer to Table 13. System configuration memory map for the RF_PWD_2 register.
ST25DV04KC ST25DV16KC ST25DV64KC
Data protection
DS13519 - Rev 3
page 57/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com