Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 73Page - STMicroelectronics ST25DV16KC Datasheet HTML 74Page - STMicroelectronics ST25DV16KC Datasheet HTML 75Page - STMicroelectronics ST25DV16KC Datasheet HTML 76Page - STMicroelectronics ST25DV16KC Datasheet HTML 77Page - STMicroelectronics ST25DV16KC Datasheet HTML 78Page - STMicroelectronics ST25DV16KC Datasheet HTML 79Page - STMicroelectronics ST25DV16KC Datasheet HTML 80Page - STMicroelectronics ST25DV16KC Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 203 page
background image
7
RF operations
Contactless exchanges are performed in RF mode as specified by ISO/IEC 15693 or NFC Forum Type 5.
The ST25DVxxKC communicates via the 13.56 MHz carrier electromagnetic wave on which incoming data are
demodulated from the received signal amplitude modulation (ASK: amplitude shift keying). The received ASK
wave is 10% or 100% modulated with a data rate of 1.6 kbit/s using the 1/256 pulse coding mode or a data rate of
26 kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the ST25DVxxKC load variation using Manchester coding with one or two
subcarrier frequencies at 423 kHz and 484 kHz. Data are transferred from the ST25DVxxKC at 6.6 kbit/s in low
data rate mode and 26 kbit/s in high data rate mode. The ST25DVxxKC supports the 53 kbit/s in high data rate
mode in one subcarrier frequency at 423 kHz.
The ST25DVxxKC follows ISO/IEC 15693 or NFC Forum Type 5 recommendation for radio-frequency power and
signal interface and for anticollision and transmission protocol.
7.1
RF communication
7.1.1
Access to a ISO/IEC 15693 device
The dialog between the “RF reader” and the ST25DVxxKC takes place as follows:
These operations use the RF power transfer and communication signal interface described below (see Power
transfer, Frequency and Operating field). This technique is called RTF (Reader talk first).
•
activation of the ST25DVxxKC by the RF operating field of the reader,
•
transmission of a command by the reader (ST25DVxxKC detects carrier amplitude modulation)
•
transmission of a response by the ST25DVxxKC (ST25DVxxKC modulates is load clocked at subcarrier
rate)
Operating field
The ST25DVxxKC operates continuously between the minimum and maximum values of the electromagnetic field
H defined in Table 256. RF characteristics. The Reader has to generate a field within these limits.
Power transfer
Power is transferred to the ST25DVxxKC by radio frequency at 13.56 MHz via coupling antennas in the
ST25DVxxKC and the Reader. The RF operating field of the reader is transformed on the ST25DVxxKC antenna
to an AC voltage which is rectified, filtered and internally regulated. During communications, the amplitude
modulation (ASK) on this received signal is demodulated by the ASK demodulator
Frequency
The ISO 15693 standard defines the carrier frequency (fC) of the operating field as 13.56 MHz ±7 kHz.
7.2
RF communication and energy harvesting
As the current consumption can affect the AC signal delivered by the antenna, RF communications with
ST25DVxxKC are not guaranteed during voltage delivery on the energy harvesting analog output V_EH.
7.3
Fast transfer mode mailbox access in RF
Thanks to dedicated commands, the RF interface has the possibility to check Mailbox availability, and the
capability to access it directly to put or get a message from it (see Section 5.1 Fast transfer mode (FTM) for
specific features).
ST25DV04KC ST25DV16KC ST25DV64KC
RF operations
DS13519 - Rev 3
page 77/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com