| Electronic Components Datasheet Search |
|
ST25DV16KC Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16KC Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 203 page ![]() When the Select_flag is set to 1, the request shall NOT contain a unique ID. When the address_flag is set to 0, the request shall NOT contain a unique ID. 7.4.3 Modes The term “mode” refers to the mechanism used in a request to specify the set of ST25DVxxKC devices that shall execute the request. Addressed mode When the Address_flag is set to 1 (Addressed mode), the request contains the Unique ID (UID) of the addressed ST25DVxxKC. Any ST25DVxxKC that receives a request with the Address_flag set to 1 compares the received Unique ID to its own. If it matches, then the ST25DVxxKC executes the request (if possible) and returns a response to the VCD as specified in the command description. If the UID does not match, then it remains silent. Non-addressed mode (general request) When the Address_flag is cleared to 0 (Non-Addressed mode), the request does not contain a Unique ID. Select mode When the Select_flag is set to 1 (Select mode), the request does not contain a unique ID. The ST25DVxxKC in the Selected state that receives a request with the Select_flag set to 1 executes it and returns a response to the VCD as specified in the command description. Only the ST25DVxxKC in the Selected state answers a request where the Select_flag is set to 1. The system design ensures that only one ST25DVxxKC can be in the Select state at a time. 7.4.4 Request format The request consists of: • an SOF, • flags, • a command code, • parameters and data, • a CRC, • an EOF. Table 96. General request format SOF Request_flags Command code Parameters Data 2 byte CRC EOF 7.4.5 Request flags In a request, the “flags” field specifies the actions to be performed by the ST25DVxxKC and whether corresponding fields are present or not. The flags field consists of eight bits. Bit 3 (Inventory_flag) of the request flag defines the contents of the four MSBs (bits 5 to 8). When bit 3 is reset (0), bits 5 to 8 define the ST25DVxxKC selection criteria. When bit 3 is set (1), bits 5 to 8 define the ST25DVxxKC Inventory parameters. ST25DV04KC ST25DV16KC ST25DV64KC RF protocol description DS13519 - Rev 3 page 80/203 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |