Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 11Page - STMicroelectronics ST25DV16KC Datasheet HTML 12Page - STMicroelectronics ST25DV16KC Datasheet HTML 13Page - STMicroelectronics ST25DV16KC Datasheet HTML 14Page - STMicroelectronics ST25DV16KC Datasheet HTML 15Page - STMicroelectronics ST25DV16KC Datasheet HTML 16Page - STMicroelectronics ST25DV16KC Datasheet HTML 17Page - STMicroelectronics ST25DV16KC Datasheet HTML 18Page - STMicroelectronics ST25DV16KC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 203 page
background image
Table 5. Maximum user memory block and byte addresses and ENDAi value
Device
Last user memory block address
seen by RF
Last user memory byte address seen
by I2C
Maximum ENDAi value
ST25DV04KC
007Fh
01FFh
0Fh
ST25DV16KC
01FFh
07FFh
3Fh
ST25DV64KC
07FFh
1FFFh
FFh
Table 6. Areas and limit calculation from ENDAi registers
Area
Seen from RF interface
Seen from I2C interface
Area 1
Block 0000h
…
Block (ENDA1*8)+7
Byte 0000h
…
Byte (ENDA1*32)+31
Area 2
Block (ENDA1+1)*8
…
Block (ENDA2*8)+7
Byte (ENDA1+1)*32
…
Byte (ENDA2*32)+31
Area 3
Block (ENDA2+1)*8
…
Block (ENDA3*8)+7
Byte (ENDA2+1)*32
…
Byte (ENDA3*32)+31
Area 4
Block (ENDA3+1)*8
…
Last memory Block
Byte (ENDA3+1)*32
…
Last memory Byte
Organization of user memory in areas have the following characteristics:
•
At least one area exists (Area1), starting at Block/Byte address 0000h and finishing at ENDA1, with ENDA1
= ENDA2 = ENDA3 = End of user memory (factory setting).
•
Two Areas could be defined by setting ENDA1 < ENDA2 = ENDA3 = End of user memory.
•
Three Areas may be defined by setting ENDA1 < ENDA2 < ENDA3 = End of user memory.
•
A maximum of four areas may be defined by setting ENDA1 < ENDA2 < ENDA3 < End of user memory.
•
Area 1 specificities
–
Start of Area1 is always Block/Byte address 0000h.
–
Area1 minimum size is 8 blocks (32 bytes) when ENDA1 = 00h.
–
Area1 is always readable.
•
The last area always finishes on the last user memory Block/Byte address (ENDA4 doesn't exist).
•
All areas are contiguous: end of Area(n) + one Block/Byte address is always start of Area(n+1).
Area size programming
RF user must first open the RF configuration security session to write ENDAi registers.
I2C host must first open I2C security session to write ENDAi registers.
When programming an ENDAi register, the following rule must be respected:
•
ENDAi-1 < ENDAi ≤ ENDAi+1 = End of memory.
This means that prior to programming any ENDAi register, its successor (ENDAi+1) must first be programmed to
the last Block/Byte of memory:
•
Successful ENDA3 programming condition: ENDA2 < ENDA3 ≤ End of user memory
•
Successful ENDA2 programming condition: ENDA1 < ENDA2 ≤ ENDA3 = End of user memory
•
Successful ENDA1 programming condition: ENDA1 ≤ ENDA2 = ENDA 3 = End of user memory
ST25DV04KC ST25DV16KC ST25DV64KC
User memory
DS13519 - Rev 3
page 15/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com