Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 82Page - STMicroelectronics ST25DV16KC Datasheet HTML 83Page - STMicroelectronics ST25DV16KC Datasheet HTML 84Page - STMicroelectronics ST25DV16KC Datasheet HTML 85Page - STMicroelectronics ST25DV16KC Datasheet HTML 86Page - STMicroelectronics ST25DV16KC Datasheet HTML 87Page - STMicroelectronics ST25DV16KC Datasheet HTML 88Page - STMicroelectronics ST25DV16KC Datasheet HTML 89Page - STMicroelectronics ST25DV16KC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 203 page
background image
Table 104. Command codes
Command
code standard
Function
Command
code custom
Function
01h
Inventory
A0h
Read Configuration
02h
Stay Quiet
A1h
Write Configuration
20h
Read Single Block
A9h
Manage GPO
21h
Write Single Block
AAh
Write Message
22h
Lock Block
ABh
Read Message Length
23h
Read Multiple Blocks
ACh
Read Message
24h
Write Multiple Blocks
ADh
Read Dynamic Configuration
25h
Select
AEh
Write Dynamic Configuration
26h
Reset to Ready
B1h
Write Password
27h
Write AFI
B3h
Present Password
28h
Lock AFI
C0h
Fast Read Single Block
29h
Write DSFID
C3h
Fast Read Multiple Blocks
2Ah
Lock DSFID
CDh
Fast Read Dynamic configuration
2Bh
Get System Info
CEh
Fast Write Dynamic Configuration
2Ch
Get Multiple Block Security Status
-
-
30h
Extended Read Single Block
C4h
Fast Extended Read Single Block
31h
Extended Write Single Block
C5h
Fast Extended Read Multiple Block
32h
Extended Lock block
CAh
Fast Write Message
33h
Extended Read Multiple Blocks
CBh
Fast Read Message Length
34h
Extended Write Multiple Blocks
CCh
Fast Read Message
3Bh
Extended Get System Info
-
-
3Ch
Extended Get Multiple Block Security Status
-
-
7.6.3
General command rules
In case of a valid command, the following paragraphs describe the expected behaviour for each command.
But in case of an invalid command, in a general manner, the ST25DVxxKC behaves as follows:
1.
If flag usage is incorrect, the error code 03h is issued only if the right UID is used in the command, otherwise
no response is issued.
2.
The error code 02h is issued if the custom command is used with the manufacturer code different from the
ST one.
Another case is if I2C is busy. In this case, any RF command (except Inventory, Select, Stay quiet and Reset to
ready) gets 0Fh error code as response only:
•
If select flag and address flags are not set at the same time (except if ST25DVxxKC is in quiet state)
•
If select flag is set and ST25DVxxKC is in selected state.
For all other commands, if I2C is busy, no response is issued by ST25DVxxKC.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 86/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com