Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 98Page - STMicroelectronics ST25DV16KC Datasheet HTML 99Page - STMicroelectronics ST25DV16KC Datasheet HTML 100Page - STMicroelectronics ST25DV16KC Datasheet HTML 101Page - STMicroelectronics ST25DV16KC Datasheet HTML 102Page - STMicroelectronics ST25DV16KC Datasheet HTML 103Page - STMicroelectronics ST25DV16KC Datasheet HTML 104Page - STMicroelectronics ST25DV16KC Datasheet HTML 105Page - STMicroelectronics ST25DV16KC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 203 page
background image
Figure 51. Select frame exchange between VCD and ST25DVxxKC
SOF
Select request
VCD
ST25DVxxKC
EOF
SOF
Select response
EOF
t1
7.6.17
Reset to Ready
On receiving a Reset to Ready command, the ST25DVxxKC returns to the Ready state if no error occurs. In the
Addressed mode, the ST25DVxxKC answers an error code only if the UID is equal to its own UID. If not, no
response is generated.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 145. Reset to Ready request format
Request SOF
Request_flags
Reset to Ready
UID (1)
CRC16
Request EOF
-
8 bits
26h
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
UID (optional)
Table 146. Reset to Ready response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 147. Reset to ready response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 102/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com