Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 107Page - STMicroelectronics ST25DV16KC Datasheet HTML 108Page - STMicroelectronics ST25DV16KC Datasheet HTML 109Page - STMicroelectronics ST25DV16KC Datasheet HTML 110Page - STMicroelectronics ST25DV16KC Datasheet HTML 111Page - STMicroelectronics ST25DV16KC Datasheet HTML 112Page - STMicroelectronics ST25DV16KC Datasheet HTML 113Page - STMicroelectronics ST25DV16KC Datasheet HTML 114Page - STMicroelectronics ST25DV16KC Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 203 page
background image
Table 167. Response Information Flag
Bit
Meaning if bit is set
Comment
b1
DSFID
0
DSFID field is not present
1
DSFID field is present
b2
AFI
0
AFI field is not present
1
AFI field is present
b3
VICC memory size
0
Data field on VICC memory size is not present.
1
Data field on VICC memory size is present.
b4
IC reference
0
Information on IC reference field is not present.
1
Information on IC reference field is present
b5
MOI
0
1 byte addressing
1
2 byte addressing
b6
VICC Command list
0
Data field of all supported commands is not present
1
Data field of all supported commands is present
b7
CSI Information
0
CSI list is not present
b8
Info flag filed
0
One byte length of Info flag field
Table 168. Response other field: ST25DVxxKC VICC memory size
MSB
LSB
24
22 21
17 16
01
RFU
Block size in byte
Number of blocks
0h
03h
007Fh (ST25DV04KC)
01FFh (ST25DV16KC)
07FFh (ST25DV64KC)
Table 169. Response other field: ST25DVxxKC IC Ref
1 byte
ICRef
50h (ST25DV04KC)
51h (ST25DV16KC)
51h (ST25DV64KC)
Table 170. Response other field: ST25DVxxKC VICC command list
MSB
LSB
32
25 24
17 16
09 08
01
Byte 4
Byte3
Byte 2
Byte 1
00h
3Fh
3Fh
FFh
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 111/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com