Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 124Page - STMicroelectronics ST25DV16KC Datasheet HTML 125Page - STMicroelectronics ST25DV16KC Datasheet HTML 126Page - STMicroelectronics ST25DV16KC Datasheet HTML 127Page - STMicroelectronics ST25DV16KC Datasheet HTML 128Page - STMicroelectronics ST25DV16KC Datasheet HTML 129Page - STMicroelectronics ST25DV16KC Datasheet HTML 130Page - STMicroelectronics ST25DV16KC Datasheet HTML 131Page - STMicroelectronics ST25DV16KC Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 203 page
background image
Figure 70. Write Password frame exchange between VCD and ST25DVxxKC
SOF
Write
Password
request
VCD
EOF
ST25DVxxKC
t1
SOF
Write
Password
response
EOF
SOF
EOF
ST25DVxxKC
Wt
Write sequence
when error
Write
Password
response
7.6.36
Present Password
On receiving the Present Password command, the ST25DVxxKC compares the requested password with the
data contained in the request and reports if the operation has been successful in the response. Refer to
Section 5.6 Data protection for details on password Management. After a successful command, the security
session associate to the password is open as described in Section 5.6 Data protection.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 213. Present Password request format
Request
SOF
Request_flags
Present
Password
IC Mfg
code
UID (1)
Password
number
Password CRC16
Request
EOF
-
8 bits
B3h
02h
64 bits 8 bits
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
Password Number:
–
00h = RF configuration password RF_PWD_0
–
01h = RF_PWD_1
–
02h = RF_PWD_2
–
03h = RF_PWD_3
–
other = Error
•
Password
Table 214. Present Password response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the write cycle.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 128/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com