Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 161Page - STMicroelectronics ST25DV16KC Datasheet HTML 162Page - STMicroelectronics ST25DV16KC Datasheet HTML 163Page - STMicroelectronics ST25DV16KC Datasheet HTML 164Page - STMicroelectronics ST25DV16KC Datasheet HTML 165Page - STMicroelectronics ST25DV16KC Datasheet HTML 166Page - STMicroelectronics ST25DV16KC Datasheet HTML 167Page - STMicroelectronics ST25DV16KC Datasheet HTML 168Page - STMicroelectronics ST25DV16KC Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 203 page
background image
Appendix B I²C sequences
B.1
Device select codes
Following table assumes default values for I2C_DEVICE_CODE[3:0] (1010b) and E0 (1b) bits. Device select
value should be adapted to I2C_DEVICE_CODE[3:0] and E0 values programmed into the I2C_CFG static register
if different from default factory values.
Table 266. Device select usage
Device select value
Comment
Hexadecimal
Binary
-
1010 E211 R/W
Device select generic
E2 = 0b User memory, Dynamic registers, FTM mailbox
E2 = 1b System memory
A6h
1010 0110b
User memory, Dynamic registers, FTM mailbox writing
A7h
1010 0111b
User memory, Dynamic registers, FTM mailbox reading
AEh
1010 1110b
System memory writing
AFh
1010 1111b
System memory reading
B.2
I²C Byte writing and polling
B.2.1
I²C byte write in user memory
Table 267. Byte Write in user memory when write operation allowed
Request/Response Frame
Comment
Master drives SDA
Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit
ADDRESS_MSB
-
Send Address MSB (1 Byte)
-
ACK
9th bit
ADDRESS_LSB
-
Send Address LSB (1 Byte)
-
ACK
9th bit
DATA
-
Send Data (1 Byte)
-
ACK
9th bit
Stop
-
Start of Programming
ST25DV04KC ST25DV16KC ST25DV64KC
I²C sequences
DS13519 - Rev 3
page 165/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com