Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQME3-M Datasheet(PDF) 2 Page - CUI INC

Part # PQME3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQME3-M Datasheet(HTML) 2 Page - CUI INC

  PQME3-M Datasheet HTML 1Page - CUI INC PQME3-M Datasheet HTML 2Page - CUI INC PQME3-M Datasheet HTML 3Page - CUI INC PQME3-M Datasheet HTML 4Page - CUI INC PQME3-M Datasheet HTML 5Page - CUI INC PQME3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 07/15/2021
│ page 2 of 6
CUI Inc
│ SERIES: PQME3-M │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage
24 Vdc input models
48 Vdc input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
24 Vdc input models
48 Vdc input models
-0.7
-0.7
50
100
Vdc
Vdc
under voltage shutdown
24 Vdc input models
48 Vdc input models
5.5
13
6.5
15.5
Vdc
Vdc
current
24 Vdc input models
3.3 Vdc output models
all other models
138
161
mA
mA
48 Vdc input models
3.3 Vdc output models
all other models
69
82
mA
mA
remoteon/off(CTRL)1
turnon(controlpinfloatingorconnectedtoTTLhighlevel3.5~12Vdc)
turnoff(controlpinconnectedtoGNDorlowlevel0~1.2Vdc)
inputcurrentwhenswitchedoff
6
10
mA
filter
C type
no load power consumption
0.1
W
Note:
1.ThevoltageoftheCTRLpinisreferencedtoGND.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
3.3, 5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
2,200
1,000
680
470
100
μF
μF
μF
μF
μF
voltage accuracy
±1
±3
%
line regulation
from low line to high line, full load
±0.2
±0.5
%
load regulation
from 0% to full load
±0.5
±1
%
start-up time
at nominal input voltage
10
ms
switching frequency2
PWM mode
350
kHz
transient recovery time
25% load step change, nominal input voltage
300
500
μs
transient response deviation
25% load step change, nominal input voltage
±3
±5
%
temperaturecoefficient
at full load
±0.03
%/°C
Note:
2. Value is based on full load. At loads <50%, the switching frequency decreases with decreasing load.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
150
250
%
short circuit protection
hiccup
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
1,000
pF
safety approvals3
certifiedto62368-1:EN
certifiedto60950-1:UL
conducted emissions
CISPR22/EN55022, class B (external circuit required, see Figure 2-b)
Note:
3.Seespecificmodelsnotedonpage1.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com