Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQME3-M Datasheet(PDF) 4 Page - CUI INC

Part # PQME3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQME3-M Datasheet(HTML) 4 Page - CUI INC

  PQME3-M Datasheet HTML 1Page - CUI INC PQME3-M Datasheet HTML 2Page - CUI INC PQME3-M Datasheet HTML 3Page - CUI INC PQME3-M Datasheet HTML 4Page - CUI INC PQME3-M Datasheet HTML 5Page - CUI INC PQME3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 07/15/2021
│ page 4 of 6
CUI Inc
│ SERIES: PQME3-M │ DESCRIPTION: DC-DC CONVERTER
Recommended PCB Layout
Top View
Note: 2.54 x 2.54 mm grid
units: mm [inch]
tolerance: ±0.50[±0.020]
pin diameter tolerance: ±0.10[±0.004]
PIN CONNECTIONS
PIN
Function
1
GND
2
CTRL
6
NC
7
NC
8
+Vout
9
0V
14
Vin
MECHANICAL DRAWING
NC=noconnection
DERATING CURVE
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com